Electronic Components Datasheet Search
  English  ▼

X  

65050 Datasheet(PDF) 6 Page - Texas Instruments

Part # 65050
Description  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65050 Datasheet(HTML) 6 Page - Texas Instruments

Back Button 65050 Datasheet HTML 2Page - Texas Instruments 65050 Datasheet HTML 3Page - Texas Instruments 65050 Datasheet HTML 4Page - Texas Instruments 65050 Datasheet HTML 5Page - Texas Instruments 65050 Datasheet HTML 6Page - Texas Instruments 65050 Datasheet HTML 7Page - Texas Instruments 65050 Datasheet HTML 8Page - Texas Instruments 65050 Datasheet HTML 9Page - Texas Instruments 65050 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
www.ti.com
TPS65050, TPS65051, TPS65052
TPS65054, TPS65056
SLVS710 – JANUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
V
CC = VINDCDC1/2 = 3.6 V, EN = VCC, MODE = GND, L = 2.2 µH, CO = 10 µF. TA = -40°C to 85°C, typical values are at
T
A = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Internal discharge resistor at VLDO1,
R(DIS)
active when LDO is disabled
350
R
VLDO2, VLDO3, VLDO4
Thermal shutdown
Increasing junction temperature
140
°C
Thermal shutdown hysteresis
Decreasing junction temperature
20
°C
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com