Electronic Components Datasheet Search
  English  ▼

X  

65050 Datasheet(PDF) 28 Page - Texas Instruments

Part # 65050
Description  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65050 Datasheet(HTML) 28 Page - Texas Instruments

Back Button 65050 Datasheet HTML 24Page - Texas Instruments 65050 Datasheet HTML 25Page - Texas Instruments 65050 Datasheet HTML 26Page - Texas Instruments 65050 Datasheet HTML 27Page - Texas Instruments 65050 Datasheet HTML 28Page - Texas Instruments 65050 Datasheet HTML 29Page - Texas Instruments 65050 Datasheet HTML 30Page - Texas Instruments 65050 Datasheet HTML 31Page - Texas Instruments 65050 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
www.ti.com
Low Drop Out Voltage Regulators (LDOs)
R6
R5
V
=
O
V
x1+
ref
()
(9)
V(FB_LDOs)
VO
R5 =R6 x
-R6
()
R6
R5+R6
V
=V
O
(FB_LDOs)
x
(10)
LAYOUT CONSIDERATIONS
Application Circuits
PB-ONOFF and Sequencing
TPS65050, TPS65051, TPS65052
TPS65054, TPS65056
SLVS710 – JANUARY 2007
The output voltage of all 4 LDOs in TPS65051, TPS65054 and TPS65056 are set by an external resistor
network. The output voltage is calculated using Equation 9:
with an internal reference voltage, Vref, 1 V (typical)
Setting the total resistance of R5 + R6 to less than 1 M
Ω is recommended. Typically, there is no feedforward
capacitor needed at the voltage dividers for the LDOs.
Typical resistor values:
Table 6. Typical Resistor Values
OUTPUT VOLTAGE
R5
R6
NOMINAL VOLTAGE
3.3 V
300 k
Ω
130 k
Ω
3.31 V
3 V
300 k
Ω
150 k
Ω
3 V
2.85 V
240 k
Ω
130 k
Ω
2.85 V
2.8 V
260 k
Ω
200 k
Ω
2.8 V
2.5 V
300 k
Ω
200 k
Ω
2.5 V
1.8 V
240 k
Ω
300 k
Ω
1.8 v
1.5 V
150 k
Ω
300 k
Ω
1.5 V
1.3 V
36 k
Ω
120 k
Ω
1.3 V
1.2 V
100 k
Ω
510 k
Ω
1.19 V
1.1 V
33 k
Ω
330 k
Ω
1.1 V
The PB-ONOFF output can be used to enable one or several converters. After power up, the PB_OUT pin is
low, and pulls down the enable pins connected to PB_OUT; EN_DCDC1, and EN_LDO1 in Figure 24. When
PB_IN is pulled to VCC for longer than 32 ms, the PB_OUT pin is turned off, hence the enable pins pulled high
using a pull-up resistor to VCC. This enables the DCDC1 converter and LDO1. The output voltage of DCDC1
(VOUT1) is used as the enable signal for DCDC2 and LDO2 to LDO4. LDO1 with its output voltage of 3.3 V and
LDO2 for an output voltage of 2.5 V are powered from the battery (V(bat)) directly. To save power, the input
voltage for the lower voltage rails at LDO3 and LDO4 are derived from the output of the step-down converters,
keeping the voltage drop at the LDOs low to increase efficiency. As LDO3 and LDO4 are powered from the
output of DCDC1, the total output current on VOUT1, LDO3 and LDO4 must not exceed the maximum rating of
DCDC1.
Figure 25 shows the power up timing for this application.
28
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com