Electronic Components Datasheet Search
  English  ▼

X  

65050 Datasheet(PDF) 21 Page - Texas Instruments

Part # 65050
Description  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

65050 Datasheet(HTML) 21 Page - Texas Instruments

Back Button 65050 Datasheet HTML 17Page - Texas Instruments 65050 Datasheet HTML 18Page - Texas Instruments 65050 Datasheet HTML 19Page - Texas Instruments 65050 Datasheet HTML 20Page - Texas Instruments 65050 Datasheet HTML 21Page - Texas Instruments 65050 Datasheet HTML 22Page - Texas Instruments 65050 Datasheet HTML 23Page - Texas Instruments 65050 Datasheet HTML 24Page - Texas Instruments 65050 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
www.ti.com
Soft Start
95%
EN
5%
V
OUT
t
Start
t
RAMP
100% Duty Cycle Low Dropout Operation
V (min)=
I
V (max)+I (max)x(r
(max)+R )
O
O
DS(on)
L
(3)
Undervoltage Lockout
Mode Selection
TPS65050, TPS65051, TPS65052
TPS65054, TPS65056
SLVS710 – JANUARY 2007
The two converters have an internal soft start circuit that limits the inrush current during start-up. During soft
start, the output voltage ramp up is controlled as shown in Figure 20.
Figure 20. Soft Start
The converters offer a low input to output voltage difference while still maintaining operation with the use of the
100% duty cycle mode. In this mode, the P-channel switch is constantly turned on. This is useful in
battery-powered applications to achieve longest operation time by taking full advantage of the whole battery
voltage range. (i.e. The minimum input voltage to maintain regulation depends on the load current and output
voltage) and can be calculated as:
with:
• I
O max = maximum output current plus inductor ripple current
• r
DS(on) max = maximum P-channel switch rDS(on).
• R
L = DC resistance of the inductor
• V
O (max) = nominal output voltage plus maximum output voltage tolerance
The undervoltage lockout circuit prevents the device from malfunctioning at low input voltages and from
excessive discharge of the battery and disables all internal circuitry. The undervoltage lockout threshold, sensed
at the VCC pin is typically 1.8 V, max 2 V.
The MODE pin allows mode selection between forced PWM Mode and power Safe Mode for both converters.
Connecting this pin to GND enables the automatic PWM and power save mode operation. The converters
operates in fixed frequency PWM mode at moderate to heavy loads and in the PFM mode during light loads,
maintaining high efficiency over a wide load current range.
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com