Electronic Components Datasheet Search
  English  ▼

X  

LMX2485ESQ Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2485ESQ
Description  50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2485ESQ Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LMX2485ESQ Datasheet HTML 25Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 26Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 27Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 28Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 29Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 30Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 31Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 32Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Programming Description (Continued)
2.4 R3 REGISTER
REGISTER
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654
3210
DATA[19:0]
C3
C2
C1
C0
R3
ACCESS[3:0]
RF_CPG[3:0]
IF_R[11:0]
0111
2.4.1 IF_R[11:0] -- IF R Divider Value
For the IF R divider, the R value is determined by the IF_R[11:0] bits in the R3 register. The minimum value for IF_R is 3.
R Value
IF_R[11:0]
3
000000000011
...
............
4095
111111111111
2.4.2 RF_CPG -- RF PLL Charge Pump Gain
This is used to control the magnitude of the RF PLL charge pump in steady state operation.
RF_CPG
Charge Pump State
Typical RF Charge Pump Current at 3 Volts (µA)
01X
95
1
2X
190
2
3X
285
3
4X
380
4
5X
475
5
6X
570
6
7X
665
7
8X
760
8
9X
855
9
10X
950
10
11X
1045
11
12X
1140
12
13X
1235
13
14X
1330
14
15X
1425
15
16X
1520
2.4.3 ACCESS -- Register Access word
It is mandatory that the first 5 registers R0-R4 be programmed. The programming of registers R5-R7 is optional. The
ACCESS[3:0] bits determine which additional registers need to be programmed. Any one of these registers can be individually
programmed. According to the table below, when the state of a register is in default mode, all the bits in that register are forced
to a default state and it is not necessary to program this register. When the register is programmable, it needs to be programmed
through the MICROWIRE. Using this register access technique, the programming required is reduced up to 37%.
ACCESS Bit
Register Location
Register Controlled
ACCESS[0]
R3[20]
Must be set to 1
ACCESS[1]
R3[21]
R5
ACCESS[2]
R3[22]
R6
ACCESS[3]
R3[23]
R7
The default conditions the registers is shown below:
Register
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654
3210
Data[19:0]
C3
C2
C1
C0
R4
R4 Must be programmed manually.
R5
000000000000
0
0
000000
1011
R6
000000000000
0
0
000000
1101
R7
000000000000
1
0
010000
1111
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com