Electronic Components Datasheet Search
  English  ▼

X  

LMX2485ESQ Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2485ESQ
Description  50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2485ESQ Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button LMX2485ESQ Datasheet HTML 29Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 30Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 31Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 32Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 33Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 34Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 35Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 36Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 37Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
Programming Description (Continued)
2.7.3 CSR[1:0] -- RF Cycle Slip Reduction
CSR controls the operation of the Cycle Slip Reduction Circuit. This circuit can be used to reduce the occurrence of phase
detector cycle slips. Note that the Fastlock charge pump current, steady state current, and CSR control are all interrelated. Refer
to section 1.8 for information on how to use this.
CSR
CSR State
Sample Rate Reduction Factor
0
Disabled
1
1
Enabled
1/2
2
Enabled
1/4
3
Enabled
1/16
www.national.com
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com