Electronic Components Datasheet Search
  English  ▼

X  

LMX2485ESQ Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2485ESQ
Description  50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2485ESQ Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button LMX2485ESQ Datasheet HTML 29Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 30Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 31Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 32Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 33Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 34Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 35Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 36Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 37Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Programming Description (Continued)
2.7 R6 REGISTER
REGISTER
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654
3210
DATA[19:0]
C3
C2
C1
C0
R6
CSR[1:0]
RF_CPF[3:0]
RF_TOC[13:0]
1101
2.7.1 RF_TOC -- RF Time Out Counter and Control for FLoutRF Pin
The RF_TOC[13:0] word controls the operation of the RF Fastlock circuitry as well as the function of the FLoutRF output pin.
When this word is set to a value between 0 and 3, the RF Fastlock circuitry is disabled and the FLoutRF pin operates as a general
purpose CMOS TRI-STATE I/O. When RF_TOC is set to a value between 4 and 16383, the RF Fastlock mode is enabled and
the FLoutRF pin is utilized as the RF Fastlock output pin. The value programmed into the RF_TOC[13:0] word represents two
times the number of phase detector comparison cycles the RF synthesizer will spend in the Fastlock state.
RF_TOC
Fastlock Mode
Fastlock Period [CP events]
FLoutRF Pin Functionality
0
Disabled
N/A
High Impedance
1
Manual
N/A
Logic “0” State.
Forces all Fastlock conditions
2
Disabled
N/A
Logic “0” State
3
Disabled
N/A
Logic “1” State
4
Enabled
4X2 = 8
Fastlock
5
Enabled
5X2 = 10
Fastlock
…
Enabled
…
Fastlock
16383
Enabled
16383X2 = 32766
Fastlock
2.7.2 RF_CPF -- RF PLL Fastlock Charge Pump Current
Specify the charge pump current for the Fastlock operation mode for the RF PLL. Note that the Fastlock charge pump current,
steady state current, and CSR control are all interrelated.
RF_CPF
RF Charge Pump State
Typical RF Charge Pump Current at 3 Volts (µA)
01X
95
1
2X
190
2
3X
285
3
4X
380
4
5X
475
5
6X
570
6
7X
665
7
8X
760
8
9X
855
9
10X
950
10
11X
1045
11
12X
1140
12
13X
1235
13
14X
1330
14
15X
1425
15
16X
1520
www.national.com
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com