Electronic Components Datasheet Search
  English  ▼

X  

LMX2485ESQ Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2485ESQ
Description  50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2485ESQ Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMX2485ESQ Datasheet HTML 1Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 2Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 3Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 4Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 5Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 6Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 7Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 8Page - National Semiconductor (TI) LMX2485ESQ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Electrical Characteristics (V
CC = 3.0V; -40˚C
≤ T
A
≤ +85˚C unless otherwise specified) (Continued)
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
RF SYNTHESIZER PARAMETERS
I
CPoutRFSINK
RF Charge Pump Sink
Current
(Note 5)
RF_CPG = 0
V
CPoutRF =VCC/2
-95
µA
RF_CPG = 1
V
CPoutRF =VCC/2
-190
µA
...
...
µA
RF_CPG = 15
V
CPoutRF =VCC/2
-1520
µA
I
CPoutRFTRI
RF Charge Pump
TRI-STATE Current
Magnitude
0.5
≤ V
CPoutRF
≤ V
CC -0.5
2
10
nA
|I
CPoutRF%MIS |
Magnitude of RF CP
Sink vs. CP Source
Mismatch
V
CPoutRF =VCC/2
T
A = 25˚C
RF_CPG > 2
3
10
%
RF_CPG
≤ 2
3
13
%
|I
CPoutRF%V |
Magnitude of RF CP
Current vs. CP Voltage
0.5
≤ V
CPoutRF
≤ V
CC -0.5
T
A = 25˚C
28
%
|I
CPoutRF%T |
Magnitude of RF CP
Current vs. Temperature
V
CPoutRF =VCC/2
4
%
IF SYNTHESIZER PARAMETERS
f
FinIF
Operating Frequency
75
800
MHz
p
FinIF
IF Input Sensitivity
-10
5
dBm
f
COMP
Phase Detector
Frequency
10
MHz
I
CPoutIFSRCE
IF Charge Pump Source
Current
V
CPoutIF =VCC/2
3.5
mA
I
CPoutIFSINK
IF Charge Pump Sink
Current
V
CPoutIF =VCC/2
-3.5
mA
I
CPoutIFTRI
IF Charge Pump
TRI-STATE Current
Magnitude
0.5
≤ V
CPoutIF
≤ V
CC RF -0.5
2
10
nA
|I
CPoutIF%MIS |
Magnitude of IF CP Sink
vs. CP Source Mismatch
V
CPoutIF =VCC/2
T
A = 25˚C
18
%
|I
CPoutIF%V |
Magnitude of IF CP
Current vs. CP Voltage
0.5
≤ V
CPoutIF
≤ V
CC -0.5
T
A = 25˚C
410
%
|I
CPoutIF%TEMP
Magnitude of IF CP
Current vs. Temperature
V
CPoutIF =VCC/2
4
%
OSCILLATOR PARAMETERS
f
OSCin
Oscillator Operating
Frequency
OSC2X = 0
5
110
MHz
OSC2X = 1
5
20
MHz
v
OSCin
Oscillator Input
Sensitivity
0.5
V
CC
V
P-P
I
OSCin
Oscillator Input Current
-100
100
µA
SPURS
Spurs in band
(Note 6)
-55
dBc
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com