Electronic Components Datasheet Search
  English  ▼

X  

INA500C Datasheet(PDF) 21 Page - Texas Instruments

Part # INA500C
Description  INA500 Cost and Size Optimized, Low Power, 1.7V to 5.5V Difference Amplifier with >1MΩ Input Impedance
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA500C Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA500C Datasheet HTML 17Page - Texas Instruments INA500C Datasheet HTML 18Page - Texas Instruments INA500C Datasheet HTML 19Page - Texas Instruments INA500C Datasheet HTML 20Page - Texas Instruments INA500C Datasheet HTML 21Page - Texas Instruments INA500C Datasheet HTML 22Page - Texas Instruments INA500C Datasheet HTML 23Page - Texas Instruments INA500C Datasheet HTML 24Page - Texas Instruments INA500C Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
8.2 Typical Applications
8.2.1 Battery Monitoring using Difference Amplifier
The INA500 is an integrated difference amplifier that processes large differential voltages while simultaneously
rejecting larger common-mode voltages. The device offers a low power consumption of 13.5µA (typical) and has
a smaller form factor.
With the specifications above, the device is a good fit for portable applications that are powered with single
cell or coin-cell batteries. Often, these systems do not need sophisticated battery management technology but
a solution that is rather simple and small-size. In a few other systems, battery monitoring ICs are preferred to
perform sophisticated functions including cell balancing, protection, voltage and current sensing and so forth but
these systems still need a secondary level of protection or redundancy with a simpler and reliable solution for
system integrity. It is in these scenarios, the amplifier based battery monitoring application shown below could be
quite useful.
Figure 8-2 shows an example circuit that monitors a 12V battery voltage and interfaces it to an ADC that is
powered using a 3V power supply. The main advantage for using difference amplifiers in this application is the
elimination of ground bounce, which is a common-mode signal, when measuring the battery voltage. These
ground bounce signals, when not rejected, are capable of causing errors in the range of few milli-volts to tens or
hundreds of milli-volts.
12V
System
Load
GND
Load side
Diagnos cs & Processing
0V
-100mV
12V
11.9V
ILOAD
IGND
+
–
1.68M
V+
OUT
V
IN
IN+
REF
1.68M
0.42M
0.42M
GND2
GND2
ADC
3V
0 to 3V
GND bounce of 100mV is a
common-mode signal which
is rejected by INA500C
INA500C (G = 0.25)
Figure 8-2. Battery Monitoring Circuitry
www.ti.com
INA500
SBOSAI9A – DECEMBER 2023 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com