Electronic Components Datasheet Search
  English  ▼

X  

INA500C Datasheet(PDF) 11 Page - Texas Instruments

Part # INA500C
Description  INA500 Cost and Size Optimized, Low Power, 1.7V to 5.5V Difference Amplifier with >1MΩ Input Impedance
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA500C Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA500C Datasheet HTML 7Page - Texas Instruments INA500C Datasheet HTML 8Page - Texas Instruments INA500C Datasheet HTML 9Page - Texas Instruments INA500C Datasheet HTML 10Page - Texas Instruments INA500C Datasheet HTML 11Page - Texas Instruments INA500C Datasheet HTML 12Page - Texas Instruments INA500C Datasheet HTML 13Page - Texas Instruments INA500C Datasheet HTML 14Page - Texas Instruments INA500C Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = (V+) – (V–) = 5.5V, VIN = (VIN+ – VIN–) = 0 V, RL = 10kΩ, CL = 10pF, VREF = VS / 2, VCM = (VIN+ + VIN–) / 2
= VS / 2, VOUT = VS / 2 and G = 1 (unless otherwise noted)
Frequency (Hz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100
1k
10k
A14_
VS = 5.5V
BW = 80kHz
VCM = 2.75V
RL = 100kΩ
VOUT = 1VRMS
G = 1
Figure 6-25. THD + N Frequency
Frequency (Hz)
20
30
40
50
60
70
80
90
100
110
120
100k
1M
10M
100M
1G
A11_
Figure 6-26. Electromagnetic Interference Rejection Ratio
Referred to Output vs Frequency (Differential Input)
Frequency (Hz)
20
40
60
80
100
120
100k
1M
10M
100M
1G
A12_
Figure 6-27. Electromagnetic Interference Rejection Ratio
Referred to Output vs Frequency (Common-Mode Input)
Time (200 µs/div)
-3
-2
-1
0
1
2
3
TR06
VIN
VOUT
V+ = 2.75V
V– = –2.75V
G = 1
VOUT = 4VPP
Figure 6-28. Large Signal Step Response
Time (5 µs/div)
TR06
V+ = 2.75V
V– = –2.75V
G = 1
VOUT = 4VPP
Figure 6-29. Large Signal Settling Time (Falling Edge)
Time (5 µs/div)
TR06
V+ = 2.75V
V– = –2.75V
G = 1
VOUT = 4VPP
Figure 6-30. Large Signal Settling Time (Rising Edge)
www.ti.com
INA500
SBOSAI9A – DECEMBER 2023 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com