Electronic Components Datasheet Search
  English  ▼

X  

INA500C Datasheet(PDF) 4 Page - Texas Instruments

Part # INA500C
Description  INA500 Cost and Size Optimized, Low Power, 1.7V to 5.5V Difference Amplifier with >1MΩ Input Impedance
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA500C Datasheet(HTML) 4 Page - Texas Instruments

  INA500C Datasheet HTML 1Page - Texas Instruments INA500C Datasheet HTML 2Page - Texas Instruments INA500C Datasheet HTML 3Page - Texas Instruments INA500C Datasheet HTML 4Page - Texas Instruments INA500C Datasheet HTML 5Page - Texas Instruments INA500C Datasheet HTML 6Page - Texas Instruments INA500C Datasheet HTML 7Page - Texas Instruments INA500C Datasheet HTML 8Page - Texas Instruments INA500C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage, VS = (V+) – (V–)
Single Supply
6
V
Dual Supply
±3
V
Signal input pins
Current
–10
10
mA
Output short-circuit(2)
Continuous
Operating Temperature, TA
–55
150
°C
Junction Temperature, TJ
150
Storage Temperature, Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
Short-circuit to VS / 2.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage VS = (V+) – (V–)
Single-supply
1.7
5.5
V
Dual-supply
±0.85
±2.75
CBYP
Bypass capacitor on the power supply
pins (1)
0.1
µF
Specified temperature
Specified temperature
–40
125
°C
(1)
For CBYP, use low-ESR ceramic capacitors between each supply pin and ground. Only one CBYP is sufficient for single supply
operation. Ensure that CBYP is placed as close to the device as possible and the supply trace routes through CBYP before reaching the
supply pin.
6.4 Thermal Information
THERMAL METRIC(1)
INA500
UNIT
DCK (SC70)
DBV (SOT-23)
DTQ (X2SON)
6 PINS
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
200.2
195.9
TBD
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
127.6
115.5
TBD
°C/W
RθJB
Junction-to-board thermal resistance
59.6
77.1
TBD
°C/W
ψJT
Junction-to-top characterization parameter
42.6
52.2
TBD
°C/W
ψJB
Junction-to-board characterization parameter
59.4
76.8
TBD
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
TBD
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
INA500
SBOSAI9A – DECEMBER 2023 – REVISED JANUARY 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: INA500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com