| Electronic Components Datasheet Search |
|
CYPAP211 Datasheet(PDF) 5 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYPAP211 Datasheet(HTML) 5 Page - Infineon Technologies AG |
|
5 / 27 page ![]() Datasheet 5 002-34772 Rev. *F 2023-06-13 EZ-PD™ PAG2P primary-side startup controller Application overview 2 Application overview EZ-PD™ PAG2P works with Infineon’s secondary side controller PAG2S. Figure 2 shows the application diagram of a USB Power Delivery adapter solution with ‘EZ-PD™ PAG2P + EZ-PD™ PAG2S’. In this system, once the start-up phase is complete, the primary FET control is completely synchronized to the PWM pulses received from the secondary side. The PWM pulses are transmitted over an isolation barrier using a PET. EZ-PD™ PAG2P takes over control of the primary FET only during power-up and system fault scenarios. Figure 2 Type-C based mobile phone power adapter with EZ-PD™ PAG2P and EZ-PD™ PAG2S in a secondary controlled flyback topology configuration Figure shows the application diagram for power adapter where PAG2P is powered directly from the AC mains before the full bridge rectifier. This topology enables discharging the X-cap using PAG2P instead of using a passive resistor with an added high side FET running in non-complementary half bridge mode. This is also known as ACF topology. The added high-side FET provides an advantage of recycling the leakage energy to the input thereby improving efficiency wherein traditional flyback the leakage energy would be dissipated in the snubber. Figure 3 Type-C based power adapter with EZ-PD™ PAG2P with in X-cap discharge mode an ACF configuration EZ-PD™ PAG2P Secondary side Primary side EMI filter Full-bridge rectifier Snubber HV GDL CS PULSEIN RT SS CC1 CC2 DP_GPIO DM_GPIO VBUS_TypeC EZ-PD™ PAG2S PWM_DRV_GPIO1 VBUS_IN Temperature Sensor GPIO CC_COMP_GPIO2 EA_OUT FB BGND BSW Secondary side Primary side EMI filter Full-bridge rectifier HV VCC CC1 CC2 DP_GPIO DM_GPIO VBUS_TypeC EZ-PD™ PAG2S PWM_DRV_GPIO1 VBUS_IN Temperature sensor GPIO CC_COMP_GPIO2 EA_OUT FB RT EZ-PD™ PAG2P PULSEIN SS GD driver GDH VCC GD Vbst SW |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |