Electronic Components Datasheet Search
  English  ▼

X  

CYPAP211 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # CYPAP211
Description  EZ-PD™ PAG2P primary-side startup controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAP211 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button CYPAP211 Datasheet HTML 4Page - Infineon Technologies AG CYPAP211 Datasheet HTML 5Page - Infineon Technologies AG CYPAP211 Datasheet HTML 6Page - Infineon Technologies AG CYPAP211 Datasheet HTML 7Page - Infineon Technologies AG CYPAP211 Datasheet HTML 8Page - Infineon Technologies AG CYPAP211 Datasheet HTML 9Page - Infineon Technologies AG CYPAP211 Datasheet HTML 10Page - Infineon Technologies AG CYPAP211 Datasheet HTML 11Page - Infineon Technologies AG CYPAP211 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Datasheet
8
002-34772 Rev. *F
2023-06-13
EZ-PD™ PAG2P primary-side startup controller
Functional description
3.2
Soft-start
The soft-start feature allows PAG2P to gradually increase the output voltage of the flyback converter till the
secondary side takes control of the regulation. Soft-start is used during initial start-up sequence and fault
condition. The duration of the soft-start is controlled by an external capacitor connected to the SS pin and the
frequency of soft-start is determined by an external resistor connected to the RT pin. An internal current source
of ISSCURR charges the external capacitor and the maximum amplitude for the soft-start ramp is 3.75 V. A 3.75 V
dictates the maximum duty cycle. Duty cycle is gradually increased from 1% to maximum 70% according to the
soft-start capacitor.
Figure 5
Soft-start operation
A Soft-start time is calculated via following equation. A bigger soft-start capacitance allows a longer soft-start
time. A typical soft-start time is about 41.67 ms when the 0.1 μF soft-start capacitor is used.
VSS(t)
GDL(t)
ISSCURR(t)
4.8 μA
VCS(t)
VCS.TH1
3.75 V
D/Cmin
D/Cmax
t
t
t
t
EZ-PD™
PAG2P
PULSEIN
ISSCURR
DRV_GPIO
CSS
SS
VSS
1.75 V
tSS
CSS
2.0V
ISSCURR
-------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com