Electronic Components Datasheet Search
  English  ▼

X  

CYPAP211 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # CYPAP211
Description  EZ-PD™ PAG2P primary-side startup controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAP211 Datasheet(HTML) 1 Page - Infineon Technologies AG

  CYPAP211 Datasheet HTML 1Page - Infineon Technologies AG CYPAP211 Datasheet HTML 2Page - Infineon Technologies AG CYPAP211 Datasheet HTML 3Page - Infineon Technologies AG CYPAP211 Datasheet HTML 4Page - Infineon Technologies AG CYPAP211 Datasheet HTML 5Page - Infineon Technologies AG CYPAP211 Datasheet HTML 6Page - Infineon Technologies AG CYPAP211 Datasheet HTML 7Page - Infineon Technologies AG CYPAP211 Datasheet HTML 8Page - Infineon Technologies AG CYPAP211 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Datasheet
Please read the Important Notice and Warnings at the end of this document
002-34772 Rev. *F
www.infineon.com
page 1
2023-06-13
CYPAP211/ CYPAP212
EZ-PD™ PAG2P primary-side startup
controller
General description
EZ-PD™ PAG2P (Power Adapter Generation 2 Primary) is Infineon’s second generation integrated primary-side
startup controller for AC/DC applications targeting the mobile power adapter segment. EZ-PD™ PAG2P
interface’s with the AC mains rectified output on the primary side and receives the necessary PWM signal from
the secondary side to provide a regulated output voltage. EZ-PD™ PAG2P is designed to operate in two configu-
rations: half-bridge running in non-complementary state (Active Clamp Flyback) or a low-side switch configu-
ration with a snubber circuit (QR, DCM, CCM). EZ-PD™ PAG2P is available in two versions:
• Non X-cap applications
• X-cap applications
EZ-PD™ PAG2P is designed to complement a secondary controlled AC/DC flyback converter topology. In this
topology, voltage and current regulation is performed by the secondary controller (EZ-PD™ PAG2S). EZ-PD™
PAG2P is responsible for providing the start-up function, driving the primary side FET as well as responding to
fault conditions.
Features
• Works across universal AC mains input from 85 VAC to 265 VAC
• Low-side gate driver to drive primary side FET
• A logic-level gate driver to control external high-side floating gate driver IC (ACF)
• Free-running oscillator with PWM generator for start-up
• Line under voltage protection (UVP) and line overvoltage protection (OVP)
• Secondary overvoltage protection via auxiliary winding (SOVP)
•Overcurrent protection (OCP)
• Short-circuit protection (SCP)
• VCC pin short protection (VCCPSP)
•Integrated VCC boost switch to support varied output voltage without the need for an external regulated LDO
• Integrated high-voltage start-up and shunt regulator
• A novel dual-output PET receiver is used to drive both high/low side switch using a single PET


Similar Part No. - CYPAP211

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CYPAS211 INFINEON-CYPAS211 Datasheet
503Kb / 31P
EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller
Rev. B
CYPAS211A1-32LQXQ INFINEON-CYPAS211A1-32LQXQ Datasheet
503Kb / 31P
EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller
Rev. B
CYPAS211A1-32LQXQT INFINEON-CYPAS211A1-32LQXQT Datasheet
503Kb / 31P
EZ-PD™ PAG2S-QZ integrated USB PD and secondary-side QR-ZVS controller
Rev. B
CYPAS212 INFINEON-CYPAS212 Datasheet
475Kb / 32P
EZ-PD™ PAG2S-AC integrated USB PD and secondary-side ACF controller
Rev. B
CYPAS212A1-32LQXQ INFINEON-CYPAS212A1-32LQXQ Datasheet
475Kb / 32P
EZ-PD™ PAG2S-AC integrated USB PD and secondary-side ACF controller
Rev. B
More results

Similar Description - CYPAP211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
Primary Side PWM Controller
UCC2960 TI-UCC2960 Datasheet
190Kb / 12P
PRIMARY-SLIDE STARTUP CONTROLLER
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
Primary Side PWM Controller
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
Primary Side PWM Controller
logo
Texas Instruments
UCC1809-1 TI-UCC1809-1 Datasheet
162Kb / 11P
Economy Primary Side Controller
UCC1809-1 TI-UCC1809-1_07 Datasheet
390Kb / 16P
Economy Primary Side Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
Primary Side PWM Controller
UCC1809-1 TI1-UCC1809-1_16 Datasheet
1Mb / 23P
Economy Primary Side Controller
UCC2960 TI1-UCC2960_14 Datasheet
215Kb / 14P
PRIMARY-SIDE STARTUP CONTROLLER
UCC2961 TI1-UCC2961 Datasheet
256Kb / 17P
ADVANVED PRIMARY-SIDE STARTUP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com