Electronic Components Datasheet Search
  English  ▼

X  

PCA1070T Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA1070T
Description  Multistandard programmable analog CMOS transmission IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1070T Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA1070T Datasheet HTML 9Page - NXP Semiconductors PCA1070T Datasheet HTML 10Page - NXP Semiconductors PCA1070T Datasheet HTML 11Page - NXP Semiconductors PCA1070T Datasheet HTML 12Page - NXP Semiconductors PCA1070T Datasheet HTML 13Page - NXP Semiconductors PCA1070T Datasheet HTML 14Page - NXP Semiconductors PCA1070T Datasheet HTML 15Page - NXP Semiconductors PCA1070T Datasheet HTML 16Page - NXP Semiconductors PCA1070T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
1997 Jun 20
13
Philips Semiconductors
Product specification
Multistandard programmable analog
CMOS transmission IC
PCA1070
Table 10 Programming Rb
Notes
1. For Zset combinations where Ra = 0 only Rb = 600 Ω is allowed. If Ra ≥ 500 Ω it is obligatory that Rb = 0. This is to
safeguard stable operation of the line interface under all practical conditions. If Zref requires Ra = 0 and Rb ≠ 600 Ω
use Ra = 100 Ω instead and reduce the original Rb by 100 Ω.
2. X = don’t care.
Table 11 Programming pole frequency:
Notes
1.
2. X = don’t care.
Reset functions
Monitoring of internal reset PCA1070.
Table 12 Status bit PRES
ZSB2
ZSB1
ZSB0
Rb (Ω)
REMARK
0000
note 1
001
600
010
700
0
1
1
800
default
1
X
0
900
note 2
1
X
1
1000
note 2
ZSP3
ZSP2
ZSP1
ZSP0
fp (Hz)
CORRESPONDING VALUE OF C (nF)(1)
REMARK
Rb
(600
Ω)
Rb
(700
Ω)
Rb
(800
Ω)
Rb
(900
Ω)
Rb
(1000
Ω)
0000
828
320
275
240
214
192
0001
1095
242
207
182
161
145
0010
1448
183
157
137
122
110
0011
1915
139
119
104
92
83
default
0100
2533
105
90
79
70
63
0101
3350
79
68
59
53
48
0110
4430
60
51
45
40
36
0111
5859
45
39
34
30
27
1
X
X
X
12000
22
19
17
15
13
note 2
PRES
DESCRIPTION
1
internal reset has occurred; default values in all registers
0
register has been read via the I2C-bus interface
C
1
2
π R
b
f
p
×
×
-------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com