Electronic Components Datasheet Search
  English  ▼

X  

PCA1070T Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA1070T
Description  Multistandard programmable analog CMOS transmission IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1070T Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA1070T Datasheet HTML 17Page - NXP Semiconductors PCA1070T Datasheet HTML 18Page - NXP Semiconductors PCA1070T Datasheet HTML 19Page - NXP Semiconductors PCA1070T Datasheet HTML 20Page - NXP Semiconductors PCA1070T Datasheet HTML 21Page - NXP Semiconductors PCA1070T Datasheet HTML 22Page - NXP Semiconductors PCA1070T Datasheet HTML 23Page - NXP Semiconductors PCA1070T Datasheet HTML 24Page - NXP Semiconductors PCA1070T Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
1997 Jun 20
21
Philips Semiconductors
Product specification
Multistandard programmable analog
CMOS transmission IC
PCA1070
Sending channel: MIC+, MIC
−, DTMF, OMIC, LN, SCR, REG and LSI
MIC+ AND MIC
−: MICROPHONE INPUTS
ZMIC
input impedance
differential
60
100
−
k
Ω
single-ended
30
50
−
k
Ω
CMRRMIC
common mode rejection
ratio
note 8
−
72
−
dB
VMIC(peak)
allowed input signal
voltage level (peak value)
−−
70
mV
GM
gain MIC+/MIC
− to LN
39.5
41
42.5
dB
GM(min)
minimum selectable gain
GMAx = 000100
28.5
30
31.5
dB
GM(max)
maximum selectable gain
GMAx = 011001
49.5
51
52.5
dB
GM(step)
step resolution
−
1
−
dB
∆G
M
gain variation with
frequency
at f = 300 Hz and 3400 Hz with
respect to 1 kHz; note 9
−−
+0.3/
−0.7
dB
gain variation with ambient
temperature
at Tamb = −10 to +60 °C with
respect to 25
°C
−±0.2
−
dB
gain variation with line
current
at Iline = 100 mA with respect to
20 mA; note 9
−
0
±0.5
dB
tACM
AC start-up time
CVDD = 470 µF; note 10
−
150
−
ms
Sending mute/privacy switch
∆GM
reduction of GM
SM=1
−
100
−
dB
DTMF: DUAL TONE MULTI-FREQUENCY INPUT
RDTMF
parallel input resistance
SM = 1
100
200
−
k
Ω
CDTMF
parallel input capacitance
SM = 1
−
45
−
pF
GDTMF
gain from DTMF to LN
SM = 1
20
21
22
dB
GDTMF(min)
minimum selectable gain
SM = 1; GMAx = 100101
0
1
2
dB
GDTMF(max)
maximum selectable gain
SM = 1; GMAx = 001111
20
21
22
dB
GDTMF(step)
step resolution
SM = 1
−
1
−
dB
∆G
DTMF
gain variation with
frequency
SM = 1; at f = 300 Hz and 3400 Hz
with respect to 1 kHz; note 9
−−
+0.3/
−0.7
dB
gain variation with ambient
temperature
SM = 1; at Tamb = −10 to +60 °C
with respect to 25
°C
−±0.2
−
dB
gain variation with line
current
SM = 1; at Iline = 100 mA with
respect to 20 mA; note 9
−
0
±0.5
dB
Confidence tone
GCTS
gain from DTMF to
QR+/QR
−;
RM = 1; SM = 1; notes 11 and 12
−−25
−
dB
GCTS(min)
minimum selectable gain
RM = 1; SM = 1; GRAx = 111001
−−40
−
dB
GCTS(max)
maximum selectable gain
RM = 1; SM = 1; GRAx = 100000
−−19
−
dB
GCTS(step)
step resolution
RM = 1; SM = 1
−
0.5 to 1
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com