Electronic Components Datasheet Search
  English  ▼

X  

PCA1070T Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCA1070T
Description  Multistandard programmable analog CMOS transmission IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1070T Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCA1070T Datasheet HTML 18Page - NXP Semiconductors PCA1070T Datasheet HTML 19Page - NXP Semiconductors PCA1070T Datasheet HTML 20Page - NXP Semiconductors PCA1070T Datasheet HTML 21Page - NXP Semiconductors PCA1070T Datasheet HTML 22Page - NXP Semiconductors PCA1070T Datasheet HTML 23Page - NXP Semiconductors PCA1070T Datasheet HTML 24Page - NXP Semiconductors PCA1070T Datasheet HTML 25Page - NXP Semiconductors PCA1070T Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
1997 Jun 20
22
Philips Semiconductors
Product specification
Multistandard programmable analog
CMOS transmission IC
PCA1070
OMIC: MICROPHONE PREAMPLIFIER OUTPUT
ZOMIC
output impedance
−
400
−Ω
GOMIC
gain from MIC+/MIC
− to
OMIC
dynamic limiter not active; note 13
−
20
−
dB
LN: SENDING CHANNEL OUTPUT; notes 14 and 15
BRL
balance return loss ZLN
with Zref = 220 Ω +
(820
Ω // 115 nF)
Zline = ∞Ω; f = 300 Hz
20
37
−
dB
Zline = ∞Ω; f = 1 kHz
20
35
−
dB
Zline = ∞Ω; f = 3.4 kHz
20
25
−
dB
Selectable values for Zset =Ra +(Rb // C) with C = 1/(2 π× Rb × fp); note 16
Ra
non-shunted resistance of
Zset
−
200
−Ω
Ra(min)
minimum selectable value
for Ra
ZSAx = 001; note 17
−
0
−Ω
Ra(max)
maximum selectable
value for Ra
ZSAx = 11x
−
600
−Ω
Ra(step)
step resolution for Ra
−
100
−Ω
Rb
shunted resistance of Zset
−
800
−Ω
Rb(min)
minimum selectable value
for Rb
ZSBx = 001; notes 17 and 18
−
600
−Ω
Rb(max)
maximum selectable
value for Rb
ZSBx = 1x1
−
1000
−Ω
Rb(step)
step resolution for Rb
−
100
−Ω
fp
pole frequency
determining shunt
capacitance C
−
1915
−
Hz
fp(min)
minimum selectable fp
ZSPx = 0000
−
828
−
Hz
fp(max)
maximum selectable fp
ZSPx = 0111; note 19
−
5859
−
Hz
n
multiplication factor for fp
fp(x +1)=n × [fp(x)]
−
1.322
−
vLN(noise)
noise output voltage
psophometrically weighted
(O41 curve)
−−76
−
dBmp
Dynamic limiter
VLN(p-p)
threshold of dynamic
limiter (peak-to-peak)
3.1
3.5
3.9
V
DLT = 1
2.2
2.6
3.0
V
low voltage condition;
VSLPE = 3.1 V
−
2.4
−
V
low current condition; Iline =9mA
−
2.6
−
V
THD
total harmonic distortion
Vi = 12 mV (RMS) + 10 dB
−
2.5
5.0
%
Dynamic behaviour of limiter; note 20
tatt
attack time
Vi steps from 12 to 38 mV (RMS)
−
1.5
−
ms
trel
release time
Vi steps from 38 to 12 mV (RMS)
−
90
−
ms
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com