Electronic Components Datasheet Search
  English  ▼

X  

PCA1070T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA1070T
Description  Multistandard programmable analog CMOS transmission IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1070T Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA1070T Datasheet HTML 1Page - NXP Semiconductors PCA1070T Datasheet HTML 2Page - NXP Semiconductors PCA1070T Datasheet HTML 3Page - NXP Semiconductors PCA1070T Datasheet HTML 4Page - NXP Semiconductors PCA1070T Datasheet HTML 5Page - NXP Semiconductors PCA1070T Datasheet HTML 6Page - NXP Semiconductors PCA1070T Datasheet HTML 7Page - NXP Semiconductors PCA1070T Datasheet HTML 8Page - NXP Semiconductors PCA1070T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
1997 Jun 20
3
Philips Semiconductors
Product specification
Multistandard programmable analog
CMOS transmission IC
PCA1070
ORDERING INFORMATION
BLOCK DIAGRAM
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCA1070P
DIP24
plastic dual in-line package; 24 leads (600 mil)
SOT101-1
PCA1070T
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
Fig.1 Block diagram.
(1) Test pins.
(2) Default value.
handbook, full pagewidth
MLA944
LINE INTERFACE
POWER CONTROL
BTL RECEIVE
OUTPUT
RECEIVE
PROG-AMP
(-6 dB)(2)
CLOCK
INTERFACE
BIAS
AND
REFERENCE
SEND
PROG-AMP
(15 dB)(2)
ANTI
SIDETONE
GAIN
CONTROL
DYNAMIC
LIMITER
TEST
CONTROL
MICROPHONE
SUPPLY
MICROPHONE
PREAMPLIFIER
(20 dB)
SLPE LN
REG
LSI
DOC
24
5
2
4
1
positive line
V DD
VMC
RMC
18
22
23
peripheral supply
TX
SCR 6
VSS 13
VSLPE
Zset
DST
sidetone
balance
Iline
line current
PRES
PD
DPI
RRG
OREC(1)
8
3
receive mute
Vref
7
maximum level
load select
gain Gra
gain Gma
17 DTMF
10
12
11
MIC
MIC
VP
I C-BUS
INTERFACE
2
threshold
send mute
(0 dB)
(0 dB)
(
−25 dB)
(0 dB)
PCA1070
9
OMIC(1)
14
15
QR
QR
19
CLK
21
SDA
20
SCL
16
TST(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com