Electronic Components Datasheet Search
  English  ▼

X  

PCE-CM5 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CM5
Description  Clamp Meter PCE-CM 5
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CM5 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CM5 Datasheet HTML 1Page - PCE Instruments. PCE-CM5 Datasheet HTML 2Page - PCE Instruments. PCE-CM5 Datasheet HTML 3Page - PCE Instruments. PCE-CM5 Datasheet HTML 4Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Alternating current
 
Measuring range
Resoluti
on
Accuracy
200 A
0.1 A
± (3.0% + 3 digits)
Frequency range: 40 ... 400 Hz
Maximum input current: 200 A AC
Direct current
 
Measuring range
Resoluti
on
Accuracy
600 µA
0.1 µA
± (1.0% + 4 digits)
1000 µA
1 µA
± (1.0% + 4 digits)
Maximum input current: 1000 µA
DC
 
Measuring range
Resoluti
on
Accuracy
600 mV
0.1 mV ± (0.7% + 3 digits)
6V
0.001 V ± (0.7% + 3 digits)
60V
0.01 V
± (0.7% + 3 digits)
600V
0.1 V
± (0.7% + 3 digits)
Input impedance: 10 MΩ
maximum input voltage: 600V DC AC rms
AC
 
Measuring range
Resoluti
on
Accuracy
6V
0.001V ± (0.8% + 3 digits)
60V
0.01V
± (0.8% + 3 digits)
600V
0.1V
± (0.8% + 3 digits)
Input impedance: 10 MΩ
Maximum input voltage: 600V DC AC rms
Frequency range: 40 ... 400 Hz
LowZ AC / DC
 
Measuring range
Resoluti
on   
Accuracy
600V
0.1V
± (2.0% + 3 digits)
Input impedance: 10 MΩ
Maximum input voltage: 600V DC AC rmsS
Frequency range: 40 ... 400 Hz
Resistance
 
Measuring range
Resoluti
on
Accuracy
600 Ω
0.1 Ω
± (0.8% + 3 digits)
6 kΩ
0.001 kΩ ± (0.8% + 3 digits)
60 kΩ
0.01 kΩ ± (0.8% + 3 digits)
600 kΩ
0.1 kΩ
± (0.8% + 3 digits)
6 MΩ
0.001
MΩ
± (1.2% + 3 digits)
60 MΩ
0.1 MΩ ± (1.2% + 3 digits)
 
 
 
More information
Manual
More product info
Similar products



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com