Electronic Components Datasheet Search
  English  ▼

X  

PCE-CM5 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-CM5
Description  Clamp Meter PCE-CM 5
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CM5 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-CM5 Datasheet HTML 1Page - PCE Instruments. PCE-CM5 Datasheet HTML 2Page - PCE Instruments. PCE-CM5 Datasheet HTML 3Page - PCE Instruments. PCE-CM5 Datasheet HTML 4Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Clamp Meter PCE-CM 5
Clamp meter PCE-CM 5
Digital multimeter with NCV measurement / Current measurement up to 200 A AC /Frequency measurement directly at the current
clamp / Ready for immediate use / Simple operation
The digital multimeter is a multimeter with a multitude of different functions. Thus, with the digital multimeter, current measurements up to
200 A AC can be carried out without contact. This current range of the digital multimeter already covers a large range of current
measurements. Thanks to the contactless current measurements of the digital multimeter can be measured during operation. Thus, no
measurement preparation must be made with the digital multimeter, since it is possible to measure directly on the line to be measured.
Another contactless feature of the digital multimeter is the NCV (Not Connected Voltage) measurement. In this measurement, the digital
multimeter can indicate whether a voltage is applied to a line. Again, no measurement preparation must be carried out during operation with
the digital multimeter. These two features of the digital multimeter reduce the risk of injury from electric shock.
Other useful functions of the ammeter are the measurement of the resistance and the continuity test. With the continuity check of the digital
multimeter, it can be determined, for example, whether a relay in a switch box is completely closed. Thanks to the fast measuring frequency of
the digital multimeter, possible power fluctuations can be determined. This makes the digital multimeter an indispensable tool for every
electrician.
Inductive current measurement up to 200 A AC
Voltage measurement with frequency meter
"Hold" function for freezing the measured value
Temperature measurement with thermocouple
Small and compact design
Smaller internal resistance with the LowZ function


Similar Part No. - PCE-CM5

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-CM3 PCE-PCE-CM3 Datasheet
562Kb / 3P
Digital Multimeter PCE-CM 3
PCE-CM40 PCE-PCE-CM40 Datasheet
314Kb / 2P
Clamp Meter PCE-CM 40
PCE-CM41 PCE-PCE-CM41 Datasheet
144Kb / 2P
Conductivity Meter PCE-CM 41
PCE-CMM10 PCE-PCE-CMM10 Datasheet
367Kb / 2P
CO2 Analyzer PCE-CMM 10
PCE-CMM5 PCE-PCE-CMM5 Datasheet
175Kb / 2P
CO2 Analyser PCE-CMM 5
More results

Similar Description - PCE-CM5

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DC400 EXTECH-DC400 Datasheet
209Kb / 1P
Mini DC Clamp Meter
MA200 EXTECH-MA200 Datasheet
282Kb / 8P
400A AC Clamp Meter
380926 EXTECH-380926_15 Datasheet
213Kb / 1P
2000A AC/DC Clamp Meter
EX720 EXTECH-EX720 Datasheet
301Kb / 1P
800A Clamp Meter
EX700 EXTECH-EX700 Datasheet
301Kb / 1P
800A Clamp Meter
EX710 EXTECH-EX710_15 Datasheet
301Kb / 1P
800A Clamp Meter
logo
Fluke Corporation
303 FLUKE-303 Datasheet
1Mb / 24P
Clamp Meter
319 FLUKE-319 Datasheet
1Mb / 22P
Clamp Meter
logo
List of Unclassifed Man...
CL445 ETC-CL445 Datasheet
6Mb / 2P
HVAC CLAMP METER
logo
PCE Instruments.
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com