Electronic Components Datasheet Search
  English  ▼

X  

PCE-CM5 Datasheet(PDF) 4 Page - PCE Instruments.

Part # PCE-CM5
Description  Clamp Meter PCE-CM 5
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CM5 Datasheet(HTML) 4 Page - PCE Instruments.

  PCE-CM5 Datasheet HTML 1Page - PCE Instruments. PCE-CM5 Datasheet HTML 2Page - PCE Instruments. PCE-CM5 Datasheet HTML 3Page - PCE Instruments. PCE-CM5 Datasheet HTML 4Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
 
 
> 10 kHz
0.01 kHz for reference only
Frequency range: 10 Hz ... 10 kHz
Frequency (direct measurement)
 
Measuring range
Resoluti
on
Accuracy
99.99 Hz
0.01 Hz ± (0.3% + 5 digits)
999.9 Hz
0.1 Hz
± (0.3% + 5 digits)
9.999 Hz
1 Hz
± (0.3% + 5 digits)
99.99 kHz
0.01 kHz ± (0.3% + 5 digits)
999.9 kHz
0.1 kHz ± (0.3% + 5 digits)
9.999 kHz
1 kHz
± (0.3% + 5 digits)
99.99 MHz
0.01
MHz
± (0.3% + 5 digits)
 
 
 
Measuring range: 10 Hz ... 60 MHz
Input impedance: 10 MΩ
Input range:> 0.2V AC rms (the input voltage increases, the frequency also
increases)
Maximum input voltage: 250V AC rms
Duty cycle
 
Measuring range
Resoluti
on
Accuracy
5 ... 95%
0.1%
± 0.3%
More specifications
 
Range selection
Automatically and manually
Maximum working height
2000 m / 6561.7 ft
Display
LCD display
Largest display value
5999
Overrange
"OL" display
Measuring range underflow
"-OL" display
Measuring rate
3 measurements per second
Automatic shutdown
After 15 minutes of inactivity
Power supply
1 x 9V block battery
Operating conditions
0 ... 40°C / 32 ... 104°F
Storage conditions
-10 ... 50°C / 14 ... 122°F
Dimensions
201 x 65 x 43 mm / 7.9 x 2.6 x 1.7
in
Weight
Approx. 265 g / < 1 lb (with
battery)
 
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com