Electronic Components Datasheet Search
  English  ▼

X  

PCE-CM5 Datasheet(PDF) 3 Page - PCE Instruments.

Part # PCE-CM5
Description  Clamp Meter PCE-CM 5
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CM5 Datasheet(HTML) 3 Page - PCE Instruments.

  PCE-CM5 Datasheet HTML 1Page - PCE Instruments. PCE-CM5 Datasheet HTML 2Page - PCE Instruments. PCE-CM5 Datasheet HTML 3Page - PCE Instruments. PCE-CM5 Datasheet HTML 4Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
 
Test voltage (open circuit): 0.4V
Surge protection: 250V AC / DC rms
Continuity test
 
Measuring range
Resoluti
on
accuracy
-
0.1 Ω
-
Surge protection: 250 V AC / DC rms
Beep at <50 Ω
Diode test
 
Measuring range
Resoluti
on
Accuracy
-
0.001V -
Surge protection: 250V AC / DC rms
Forward current: 1-mA DC
Forward voltage: 3.3V DC
Capacities
 
Measuring range
Resoluti
on
Accuracy
99.99 nF
0.01 nF ± (4.0% + 5 digits)
999.9 nF
0.1 nF
± (4.0% + 5 digits)
9.999 µF
0.001 µF ± (4.0% + 5 digits)
99.99 µF
0.01 µF ± (4.0% + 5 digits)
999.9 µF
0.1 µF
± (4.0% + 5 digits)
9.999 mF
1 µF
± (4.0% + 5 digits)
99.99 mF
0.01 mF ± (4.0% + 5 digits)
Surge protection: 250V AC / DC rms
Temperature (thermocouple type K)
 
Measuring range
Resoluti
on
Accuracy
-20 ... 0°C
1°C
± (3.0% + 2 digits)
1 ... 400°C
1°C
± (2.0% + 2 digits)
-4 ... 32°F
1°F
± (3.0% + 4 digits)
33 ... 752°F
1°F
± (2.0% + 4 digits)
Surge protection: 250V AC / DC rms
Frequency (with current probe)
 
Measuring range
Resoluti
on
Accuracy
99.99 Hz
0.01 Hz ± (1.5% + 5 digits)
999.9 Hz
0.1 Hz
± (1.5% + 5 digits)
> 1 kHz
0.001
kHz
for reference only
Frequency range: 10 Hz ... 1 kHz
Maximum input current: 200 A AC rms
Input range: > 60 A AC rms (if the input current increases, the frequency also
increases)
Frequency (when measuring voltage)
 
Measuring range
Resoluti
on
Accuracy
99.99 Hz
0.01 Hz ± (1.5% + 5 digits)
999.9 Hz
0.1 Hz
± (1.5% + 5 digits)
9.999 Hz
0.001
kHz
± (1.5% + 5 digits)
 
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com