Electronic Components Datasheet Search
  English  ▼

X  

PCD3316 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCD3316
Description  Caller-ID on Call Waiting CIDCW receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3316 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCD3316 Datasheet HTML 6Page - NXP Semiconductors PCD3316 Datasheet HTML 7Page - NXP Semiconductors PCD3316 Datasheet HTML 8Page - NXP Semiconductors PCD3316 Datasheet HTML 9Page - NXP Semiconductors PCD3316 Datasheet HTML 10Page - NXP Semiconductors PCD3316 Datasheet HTML 11Page - NXP Semiconductors PCD3316 Datasheet HTML 12Page - NXP Semiconductors PCD3316 Datasheet HTML 13Page - NXP Semiconductors PCD3316 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Philips Semiconductors
PCD3316
CIDCW receiver
Product specification
11 March 1999
10 of 30
9397 750 04824
© Philips Electronics N.V. 1999. All rights reserved.
7.11 32 kHz oscillator
The 32.768 kHz oscillator is enabled permanently and is used to generate either a
1 second or 1 minute interrupt. The 32.768 kHz clock is also used for the ‘Ring or
polarity change detector’, the ‘Low battery detection’ and the ‘Level detect’ function.
An external 32.768 kHz signal may be applied to pin LXIN while leaving pin LXOUT
not connected.
The 32 kHz oscillator requires an external 32.768 kHz quartz crystal and an external
feedback resistor (4.7 M
Ω) between the LXIN and LXOUT pins (see Figure 8).
7.12 Serial interface
The serial interface of the PCD3316 is the I2C-bus. A detailed description of the
I2C-bus specification, including applications, is given in the brochure:
The I2C-bus
and how to use it, order no. 9398 393 40011 or I2C Peripherals Data Handbook IC12.
7.12.1
Characteristics of the I2C-bus
For the I2C-bus configuration see Figure 9. A device generating a message is a
‘transmitter’, a device receiving a message is the ‘receiver’. The device that controls
the message is the ‘master’ and the devices which are controlled by the master are
called the ‘slaves’. The PCD3316 operates in the slave transmitter/receiver mode
only.
The I2C-bus is for bidirectional, two-line communication between different ICs or
modules. The two lines are a serial data line (SDA) and a serial clock line (SCL). Both
lines must be connected to a positive supply via a pull-up resistor. Data transfer may
be initiated only when the bus is not busy.
Fig 8.
Connections of the 32 kHz oscillator.
handbook, halfpage
MGK724
32.768 kHz
32.768 kHz
OSCILLATOR
LXIN
LXOUT
PCD3316
67
4.7 M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com