Electronic Components Datasheet Search
  English  ▼

X  

PCD3311CT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCD3311CT
Description  DTMF/modem/musical-tone generators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3311CT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCD3311CT Datasheet HTML 3Page - NXP Semiconductors PCD3311CT Datasheet HTML 4Page - NXP Semiconductors PCD3311CT Datasheet HTML 5Page - NXP Semiconductors PCD3311CT Datasheet HTML 6Page - NXP Semiconductors PCD3311CT Datasheet HTML 7Page - NXP Semiconductors PCD3311CT Datasheet HTML 8Page - NXP Semiconductors PCD3311CT Datasheet HTML 9Page - NXP Semiconductors PCD3311CT Datasheet HTML 10Page - NXP Semiconductors PCD3311CT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1996 Nov 21
7
Philips Semiconductors
Product specification
DTMF/modem/musical-tone generators
PCD3311C; PCD3312C
Fig.5
Timing of STROBE, parallel data inputs and TONE output (770 Hz + 1477 Hz in example) in the parallel
mode (MODE = HIGH).
handbook, full pagewidth
MGG511
tSPW
tDS
tDH
90%
10%
oscillator ON
no output tone
oscillator ON
output tones
oscillator OFF
ttone (ON)
STROBE
D0
D1
D2
D3
D4
D5
TONE
7.6
I2C-bus clock and data inputs
SCL and SDA are the serial clock and serial data inputs
according to the I2C-bus specification, see Chapter 8.
SCL and SDA must be pulled up externally to VDD.
For the PCD3311C, SCL and SDA are combined with
parallel inputs D0 and D1 respectively - D0/SCL and
D1/SDA operate serially only when MODE is LOW.
7.7
Address input
Address input A0 defines the least significant bit of the
I2C-bus address of the device (see Fig.6). The first 6 bits
of the address are fixed internally. By tying the A0 of each
device to VDD (HIGH) and VSS (LOW) respectively, two
different PCD3311C or PCD3312C devices can be
individually addressed on the bus.
Whether one or two devices are used, A0 must be
connected to VDD or VSS.
7.8
I2C-bus data configuration (see Fig.6)
The PCD3311C and PCD3312C are always slave
receivers in the I2C-bus configuration. The R/W bit in is
thus always LOW, indicating that the master
(microcontroller) is writing.
The slave address in the serial mode consists of 7 bits: 6
bits internally fixed, 1 externally set via A0. in the serial
mode, the same input data codes are used as in the
parallel mode. See Tables 2, 3, 4 and 5.
7.9
Tone output
The single and dual tones provided at the TONE output are
first filtered by an on-chip switched-capacitor filter,
followed by an active RC low-pass filter. The filtered tones
fulfil the CEPT recommendations for total harmonic
distortion of DTMF tones. An on-chip reference voltage
provides output tone levels independent of the supply
voltage. Tables 3, 4 and 5 give the frequency deviation of
the output tones with respect to the standard DTMF,
modem and music frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com