Electronic Components Datasheet Search
  English  ▼

X  

PCD3311CT Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCD3311CT
Description  DTMF/modem/musical-tone generators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3311CT Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCD3311CT Datasheet HTML 12Page - NXP Semiconductors PCD3311CT Datasheet HTML 13Page - NXP Semiconductors PCD3311CT Datasheet HTML 14Page - NXP Semiconductors PCD3311CT Datasheet HTML 15Page - NXP Semiconductors PCD3311CT Datasheet HTML 16Page - NXP Semiconductors PCD3311CT Datasheet HTML 17Page - NXP Semiconductors PCD3311CT Datasheet HTML 18Page - NXP Semiconductors PCD3311CT Datasheet HTML 19Page - NXP Semiconductors PCD3311CT Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
1996 Nov 21
16
Philips Semiconductors
Product specification
DTMF/modem/musical-tone generators
PCD3311C; PCD3312C
Table 7
Explanation of time symbols used in Fig.13
9
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, it is good practice to take
normal precautions appropriate to handling MOS devices (see
“Handbook IC03, Section: General, Handling MOS
devices”).
SYMBOL
PARAMETER
REMARKS
MIN.
MAX.
UNIT
fSCL
SCL clock frequency
0
2
kHz
tSW
tolerable pulse spike width
−
100
ns
tBUF
bus free time
The time that the bus is free (SDA is
HIGH) before a new transmission is
initiated by SDA going LOW.
105
−µs
tSU;STA
set-up time repeated START
Only valid for repeated start code.
105
155
µs
tHD;STA
hold time START condition
The time between SDA going LOW and
the first valid negative-going transition of
SCL.
365
415
µs
tLOW
SCL LOW time
The LOW period of the SCL clock.
105
155
µs
tHIGH
SCL HIGH time
The HIGH period of the SCL clock.
365
−µs
tr
rise time SDA and SCL
−
1.0
µs
tf
fall time SDA and SCL
−
0.3
µs
tSU;DAT
data set-up time
250
−
ns
tHD;DAT
data hold time
0
−
ns
tSU;STO
set-up time STOP condition
105
155
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com