Electronic Components Datasheet Search
  English  ▼

X  

PCD3311CT Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCD3311CT
Description  DTMF/modem/musical-tone generators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3311CT Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCD3311CT Datasheet HTML 7Page - NXP Semiconductors PCD3311CT Datasheet HTML 8Page - NXP Semiconductors PCD3311CT Datasheet HTML 9Page - NXP Semiconductors PCD3311CT Datasheet HTML 10Page - NXP Semiconductors PCD3311CT Datasheet HTML 11Page - NXP Semiconductors PCD3311CT Datasheet HTML 12Page - NXP Semiconductors PCD3311CT Datasheet HTML 13Page - NXP Semiconductors PCD3311CT Datasheet HTML 14Page - NXP Semiconductors PCD3311CT Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
1996 Nov 21
11
Philips Semiconductors
Product specification
DTMF/modem/musical-tone generators
PCD3311C; PCD3312C
8I2C-BUS INTERFACE
The I2C-bus is for two-way communication between different ICs or modules. It uses only two lines, a serial data line
(SDA) and a serial clock line (SCL), both of which are bi-directional. Both lines must be connected to a positive supply
via a pull-up resistor when connected to the output stages of a device. Data transfer may be initiated only when the bus
is not busy.
8.1
Bit transfer (see Fig.7)
One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the HIGH period
of the clock pulse as changes in the data line at this time will be interpreted as control signals.
8.2
Start and stop conditions (see Fig.8)
Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of the data line, while the
clock is HIGH is defined as the start condition (S). A LOW-to-HIGH transition of the data line while the clock is HIGH is
defined as the stop condition (P).
Fig.7 Bit transfer.
MBC621
data line
stable;
data valid
change
of data
allowed
SDA
SCL
Fig.8 Start and stop conditions.
MBC622
SDA
SCL
P
STOP condition
SDA
SCL
S
START condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com