Electronic Components Datasheet Search
  English  ▼

X  

PCD3311CT Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCD3311CT
Description  DTMF/modem/musical-tone generators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3311CT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCD3311CT Datasheet HTML 6Page - NXP Semiconductors PCD3311CT Datasheet HTML 7Page - NXP Semiconductors PCD3311CT Datasheet HTML 8Page - NXP Semiconductors PCD3311CT Datasheet HTML 9Page - NXP Semiconductors PCD3311CT Datasheet HTML 10Page - NXP Semiconductors PCD3311CT Datasheet HTML 11Page - NXP Semiconductors PCD3311CT Datasheet HTML 12Page - NXP Semiconductors PCD3311CT Datasheet HTML 13Page - NXP Semiconductors PCD3311CT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
1996 Nov 21
10
Philips Semiconductors
Product specification
DTMF/modem/musical-tone generators
PCD3311C; PCD3312C
Table 5
Input/output for musical tones
101010
2A
1070
1 073.33
+0.31
+3.33
Bell 103
101011
2B
1270
1265.30
−0.37 −4.70
101100
2C
1650
1655.66
+0.34
+5.66
V.21
101101
2D
1850
1852.77
+0.15
+2.77
101110
2E
2 025
2021.20
−0.19 −3.80
Bell 103
101111
2F
2225
2223.32
−0.08
−1.68
D5
D4
D3
D2
D1
D0
HEX
NOTE
STD. FREQ.
BASED ON
A4 = 440 Hz
TONE
OUTPUT
FREQUENCY
Hz
Hz
110000
30
D#5
622.3
622.5
110001
31
E5
659.3
659.5
110010
32
F5
698.5
697.9
110011
33
F#5
740.0
741.1
110100
34
G5
784.0
782.1
110101
35
G#5
830.6
832.3
110110
36
A5
880.0
879.3
110111
37
A#5
932.3
931.9
111000
38
B5
987.8
985.0
111001
39
C6
1046.5
1044.5
111010
3A
C#6
1108.7
1111.7
101001
29
D6
1174.7
1179.0
111011
3B
D#6
1244.5
1245.1
111100
3C
E6
1318.5
1318.9
111101
3D
F6
1396.9
1402.1
001110
0E
F#6
1480.0
1482.2
111110
3E
G6
1568.0
1572.0
101100
2C
G#6
1661.2
1655.7
111111
3F
A6
1760.0
1768.5
000100
04
A#6
1864.7
1875.1
000101
05
B6
1975.5
1970.0
100101
25
C7
2093.0
2103.1
101111
2F
C#7
2217.5
2223.3
001110
06
D7
2349.3
2358.1
000111
07
D#7
2489.0
2470.4
D5
D4
D3
D2
D1
D0
HEX
STANDARD
FREQUENCY
TONE
OUTPUT
FREQ.
FREQUENCY
DEVIATION
TELECOM.
STANDARD
Hz
Hz
%
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com