Electronic Components Datasheet Search
  English  ▼

X  

MXT641T Datasheet(PDF) 1 Page - ATMEL Corporation

Part # MXT641T
Description  maXTouch 640-node Touchscreen Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MXT641T Datasheet(HTML) 1 Page - ATMEL Corporation

  MXT641T Datasheet HTML 1Page - ATMEL Corporation MXT641T Datasheet HTML 2Page - ATMEL Corporation MXT641T Datasheet HTML 3Page - ATMEL Corporation MXT641T Datasheet HTML 4Page - ATMEL Corporation MXT641T Datasheet HTML 5Page - ATMEL Corporation MXT641T Datasheet HTML 6Page - ATMEL Corporation MXT641T Datasheet HTML 7Page - ATMEL Corporation MXT641T Datasheet HTML 8Page - ATMEL Corporation MXT641T Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
9917JX–AT42–02/15
Features
 Atmel® maXTouch® Adaptive Sensing Touchscreen Technology
 Up to 32 X (transmit) lines and 20 Y (receive) lines
 A maximum of 640 nodes can be allocated to the touchscreen
 Multi-touch support with up to 16 concurrent touches tracked in real time
 Dual-boot OS support for Windows and Android
 Advanced Touch Handling
 Moisture/Water Compensation
 No false touch with condensation or water drop up to 22 mm diameter
 One-finger tracking with condensation or water drop up to 22 mm diameter
 Hover Support
 Supports one-finger hover up to 25 mm detection and 20 mm tracking range
 Glove Support
 Supports multiple-finger glove touch up to 1.5 mm thickness
 Supports single-touch gloved operation with various materials up to 5 mm
thickness
 Touch Performance
 Mutual capacitance and self capacitance measurements supported for touch
detection
 Response Times
 Initial latency <10 ms for first touch from idle, subject to configuration
 Atmel maXCharger® technology to combat ambient, charger noise, and power-line
noise:
 Up to 240 Vpp between 1 Hz and 1 kHz sinusoidal waveform
 Up to 20 Vpp between 1 kHz and 1 MHz sinusoidal waveform
 Scan Speed
 Typical report rate for 10 touches
60 Hz
 Enhanced Algorithms
 Lens bending algorithms to remove signal distortions
 Touch suppression algorithms to remove unintentional touches
 Palm Recovery Algorithm for quick restoration to normal state
 Screen sizes of 6.2 inches diagonal are supported while meeting Microsoft® Phone
touch performance requirements
 Stylus Support
 Supports passive stylus with 1 mm contact diameter, subject to configuration,
stack up, and sensor design
Atmel mXT641T
Revision 1.0
maXTouch 640-node Touchscreen Controller
DATASHEET


Similar Part No. - MXT641T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MXT641TD-AT MICROCHIP-MXT641TD-AT Datasheet
161Kb / 8P
maXTouch 640-node Touchscreen Controller Product Brief
Rev A August 2017
More results

Similar Description - MXT641T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MXT224 ATMEL-MXT224 Datasheet
150Kb / 12P
maXTouch 224-channel Touchscreen Sensor IC
logo
List of Unclassifed Man...
IQS550 ETC2-IQS550 Datasheet
4Mb / 80P
Capacitive Trackpad/Touchscreen Controller
GSL1680 ETC2-GSL1680 Datasheet
1Mb / 23P
Capacitive Touchscreen Controller
logo
Microchip Technology
MXT1664T3 MICROCHIP-MXT1664T3 Datasheet
1Mb / 98P
maXTouch 1664-node Touchscreen Controller
2018
MXT2912TD-AXUW MICROCHIP-MXT2912TD-AXUW Datasheet
136Kb / 12P
maXTouch 2911-node Touchscreen Controller Product Brief
Revision A March 2021
MXT448UD-CCUBHA1 MICROCHIP-MXT448UD-CCUBHA1 Datasheet
655Kb / 76P
maXTouch 448-node Touchscreen Controller
Rev A September 2021
MXT640UD-CCU001 MICROCHIP-MXT640UD-CCU001 Datasheet
600Kb / 74P
maXTouch 640-node Touchscreen Controller
Revision A June 2021
MXT640UD-CCUBHA1 MICROCHIP-MXT640UD-CCUBHA1 Datasheet
654Kb / 76P
maXTouch 640-node Touchscreen Controller
Rev A September 2021
MXT641TD-AT MICROCHIP-MXT641TD-AT Datasheet
161Kb / 8P
maXTouch 640-node Touchscreen Controller Product Brief
Rev A August 2017
logo
Schneider Electric
HMIGK5310 SCHNEIDER-HMIGK5310 Datasheet
158Kb / 8P
Keypad-touchscreen panel color - 640 x 480 pixels VGA -10.4
May 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com