Electronic Components Datasheet Search
  English  ▼

X  

MXT641T Datasheet(PDF) 22 Page - ATMEL Corporation

Part # MXT641T
Description  maXTouch 640-node Touchscreen Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MXT641T Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button MXT641T Datasheet HTML 18Page - ATMEL Corporation MXT641T Datasheet HTML 19Page - ATMEL Corporation MXT641T Datasheet HTML 20Page - ATMEL Corporation MXT641T Datasheet HTML 21Page - ATMEL Corporation MXT641T Datasheet HTML 22Page - ATMEL Corporation MXT641T Datasheet HTML 23Page - ATMEL Corporation MXT641T Datasheet HTML 24Page - ATMEL Corporation MXT641T Datasheet HTML 25Page - ATMEL Corporation MXT641T Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
22
mXT641T 1.0 [Datasheet]
9917JX–AT42–02/15
Power-up / Reset Requirements
7.
Power-up / Reset Requirements
There is an internal Power-on Reset (POR) in the device.
If an external reset is to be used the device must be held in RESET (active low) while the digital (Vdd) analog (AVdd) and
I/O (VddIO) power supplies are powering up. The supplies must have reached their nominal values before the RESET
signal is deasserted (that is, goes high). This is shown in Figure 7-1. See Section 15.2 on page 52 for nominal values for
Vdd, VddIO, and AVdd.
Figure 7-1. Power Sequencing on the mXT641T
After power-up, the device takes 79 ms before it is ready to start communications.
If the RESET line is released before the AVdd supply has reached its nominal voltage (see Figure 7-2 on page 23), then
some additional operations need to be carried out by the host. There are two options open to the host controller:
Start the part in deep sleep mode and then send the command sequence to set the cycle time to wake the part and
allow it to run normally. Note that in this case a calibration command is also needed.
Send a reset command.
Note: When using external
at power-up,
RESET
VddIO must not be enabled after Vdd
RESET
(VddIO)
VddIO
AVdd
> 90 ns
Vdd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com