Electronic Components Datasheet Search
  English  ▼

X  

MXT641T Datasheet(PDF) 36 Page - ATMEL Corporation

Part # MXT641T
Description  maXTouch 640-node Touchscreen Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MXT641T Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button MXT641T Datasheet HTML 32Page - ATMEL Corporation MXT641T Datasheet HTML 33Page - ATMEL Corporation MXT641T Datasheet HTML 34Page - ATMEL Corporation MXT641T Datasheet HTML 35Page - ATMEL Corporation MXT641T Datasheet HTML 36Page - ATMEL Corporation MXT641T Datasheet HTML 37Page - ATMEL Corporation MXT641T Datasheet HTML 38Page - ATMEL Corporation MXT641T Datasheet HTML 39Page - ATMEL Corporation MXT641T Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 74 page
background image
36
mXT641T 1.0 [Datasheet]
9917JX–AT42–02/15
HID-I2C Communications
11.
HID-I2C Communications
The device is an HID-I2C device presenting two Top-level Collections (TLCs):
Generic HID-I
2C – Provides a generic HID-I2C interface that allows the host to communicate with the device using
the object-based protocol (OBP).
Digitizer HID-I
2C – Supplies touch information to the host. This interface is supported by Microsoft Windows 8 and
8.1 without the need for additional software.
See Section 9. on page 29 for information on selecting HID-I
2C mode.
Other features are identical to standard I2C communication described in Section 10. on page 30.
Refer to the Microsoft HID-I2C documentation, HID Over I2C Protocol Specification – Device Side, for information on the
HID-I2C specification.
11.1
I2C Addresses
See Section 10.1 on page 30.
11.2
Device
The device is compliant with HID-I2C specification V1.0. It has the following specification:
Vendor ID:
0x03EB (Atmel)
Product ID:
0x214D (mXT641T)
Version:
16-bit Version & Build Identifier in the form 0xVVBB, where:
VV = Version Major (Upper 4 bits) / Minor (Lower 4 bits)
BB = Build number in BCD format
HID descriptor address: 0x0000
11.3
HID Descriptor
The host should read the HID descriptor on initialization to ascertain the key attribute of the HID device. These include
the report description and the report ID to be used for communication with the HID device. The HID descriptor address is
0x0000.
Note that the host driver must not make any assumptions about the report packet formats, data locations or report IDs.
These must be read from the HID descriptor as they may change in future versions of the firmware.
For more information on how to read the HID descriptor, refer to the Microsoft HID-I2C documentation.
11.4
HID-I2C Report IDs
Table 11-1 describes the HID-I2C report IDs used in reports sent to the host.
Table 11-1. HID-I2C Report IDs
Report ID
Description
Top-level Collection
0x06
Object Protocol (OBP) command and response
(see Section 11.5 on page 37)
Generic HID-I2C
0x01
Touch report
(see Section 11.6.1 on page 41)
Digitizer HID-I2C
0x02
Maximum Touches (Surface Contacts) report
(see Section 11.6.3 on page 44)
Digitizer HID-I2C
0x05
Touch Hardware Quality Assurance (THQA) report
(see Section 11.6.4 on page 44)
Digitizer HID-I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com