Electronic Components Datasheet Search
  English  ▼

X  

MXT641T Datasheet(PDF) 40 Page - ATMEL Corporation

Part # MXT641T
Description  maXTouch 640-node Touchscreen Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MXT641T Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button MXT641T Datasheet HTML 36Page - ATMEL Corporation MXT641T Datasheet HTML 37Page - ATMEL Corporation MXT641T Datasheet HTML 38Page - ATMEL Corporation MXT641T Datasheet HTML 39Page - ATMEL Corporation MXT641T Datasheet HTML 40Page - ATMEL Corporation MXT641T Datasheet HTML 41Page - ATMEL Corporation MXT641T Datasheet HTML 42Page - ATMEL Corporation MXT641T Datasheet HTML 43Page - ATMEL Corporation MXT641T Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
40
mXT641T 1.0 [Datasheet]
9917JX–AT42–02/15
HID-I2C Communications
Figure 11-9. Response Packet Format
Once the device has responded to the command, it starts sending message data. Each time a message is generated in
the Message Processor T5 object, the device automatically sends a message packet to the host with the data. The
message packets have the format given in Figure 11-10.
Figure 11-10.Message Packet Format
In Figure 11-10:
Rpt ID is the HID-I2C Report ID used for Object Protocol commands and responses (see Table 11-1 on page 36).
ID Bytes identify the packet as an auto-return message packet.
Msg ID is the Report ID returned by the Message Processor T5 object.
Message Data bytes are the bytes of data returned by the Message Processor T5 object. The size of the data
depends on the source object for which this is the message data. Refer to the mXT641T 1.0 Protocol Guide for
more information.
To stop the sending of the messages, the host can send a null command packet. This consists of two bytes: a HID-I
2C
report ID and a command byte of 0x00 (see Figure 11-11).
Figure 11-11.Null Command Packet Format
Note that any read or write will also terminate any currently enabled auto-return mode (see Section 11.5.1.2 on page 38).
0x88
0x00
Command
Received
Rpt ID
0xFA
0x00
Message
Report ID
ID Bytes
Msg ID
Message Data
Data
n
Data 0
...
Rpt ID
0x00
Null
Command
ID
Rpt ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com