Electronic Components Datasheet Search
  English  ▼

X  

EM2860 Datasheet(PDF) 9 Page - eMPIA Technology Inc.

Part # EM2860
Description  USB Video Capture Device
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMPIA [eMPIA Technology Inc.]
Direct Link  https://empiatech.com/wp/
Logo EMPIA - eMPIA Technology Inc.

EM2860 Datasheet(HTML) 9 Page - eMPIA Technology Inc.

Back Button EM2860 Datasheet HTML 5Page - eMPIA Technology Inc. EM2860 Datasheet HTML 6Page - eMPIA Technology Inc. EM2860 Datasheet HTML 7Page - eMPIA Technology Inc. EM2860 Datasheet HTML 8Page - eMPIA Technology Inc. EM2860 Datasheet HTML 9Page - eMPIA Technology Inc. EM2860 Datasheet HTML 10Page - eMPIA Technology Inc. EM2860 Datasheet HTML 11Page - eMPIA Technology Inc. EM2860 Datasheet HTML 12Page - eMPIA Technology Inc. EM2860 Datasheet HTML 13Page - eMPIA Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
EMPIA Technology
9
8/18/2004
EM2860 Hardware Specification
Serial Bus and Programmable I/O
Symbol
Pin No.
Type
Description
SCL
24
B
Serial bus clock, require external pull-up resistor.
SDA
25
B
Serial data, require external pull-up resistor.
PIO7
43
B
General I/O port 7, require external pull-up resistor in output mode.
PIO6
41
B
General I/O port 6, require external pull-up resistor in output mode.
PIO5
39
B
General I/O port 5, require external pull-up resistor in output mode.
PIO4
37
B
General I/O port 4, require external pull-up resistor in output mode.
PIO3
30
B
General I/O port 3, require external pull-up resistor in output mode.
PIO2
29
B
General I/O port 2, require external pull-up resistor in output mode.
PIO1
28
B
General I/O port 1, require external pull-up resistor in output mode.
PIO0
27
B
General I/O port 0, require external pull-up resistor in output mode.
Remote Control Infrared Sensor Interface
Symbol
Pin No.
Type
Description
IR
33
I
Infrared sensor signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com