Electronic Components Datasheet Search
  English  ▼

X  

EM2860 Datasheet(PDF) 3 Page - eMPIA Technology Inc.

Part # EM2860
Description  USB Video Capture Device
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMPIA [eMPIA Technology Inc.]
Direct Link  https://empiatech.com/wp/
Logo EMPIA - eMPIA Technology Inc.

EM2860 Datasheet(HTML) 3 Page - eMPIA Technology Inc.

  EM2860 Datasheet HTML 1Page - eMPIA Technology Inc. EM2860 Datasheet HTML 2Page - eMPIA Technology Inc. EM2860 Datasheet HTML 3Page - eMPIA Technology Inc. EM2860 Datasheet HTML 4Page - eMPIA Technology Inc. EM2860 Datasheet HTML 5Page - eMPIA Technology Inc. EM2860 Datasheet HTML 6Page - eMPIA Technology Inc. EM2860 Datasheet HTML 7Page - eMPIA Technology Inc. EM2860 Datasheet HTML 8Page - eMPIA Technology Inc. EM2860 Datasheet HTML 9Page - eMPIA Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
EMPIA Technology
3
8/18/2004
EM2860 Hardware Specification
Features
No external memory required
Flexible Video Input Port
8-bit video input port
Support up to 1.3 M pixel CMOS sensor in Bayer RGB format
Interlace and non-interlace video
CCIR-601 4:2:2 YUV with external sync and field ID
CCIR-656 YUV with embedded sync and field ID
Programmable Video Timing Generator
Generate clock, H-sync and V-sync for CMOS sensor
Bayer RGB Color Processor
Black clamping
Gamma correction
Bayer pattern filtering
Gain and offset adjustment in RGB space
9-window image statistics collection for auto exposure and auto white balance
Defect pixel compensation
YUV Color Processor
Gain and offset adjustment in YUV space
Sharpness enhancement
Video Scaler
Random-ratio down scaling in X and Y directions
High fidelity color reproduction by the scaler
VBI Capture
Raw VBI capture
Sliced VBI capture
Audio Interface
Support AC97 CODEC
Support I
2S device
Software direct access to AC97 CODEC registers
Support audio sample rates of 48K, 44.1K, 32K, 16K, and 8K.
Support USB Audio Class control and streaming
Remote Controller Infrared Sensor Interface
Support NEC and RC5 remote control protocols
USB Port
Integrated USB 2.0 PHY with High-Speed and Full-Speed Transceivers
Second generation USB 2.0 PHY with reduced power
USB 2.0 and 1.1 compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com