Electronic Components Datasheet Search
  English  ▼

X  

EM2860 Datasheet(PDF) 14 Page - eMPIA Technology Inc.

Part # EM2860
Description  USB Video Capture Device
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMPIA [eMPIA Technology Inc.]
Direct Link  https://empiatech.com/wp/
Logo EMPIA - eMPIA Technology Inc.

EM2860 Datasheet(HTML) 14 Page - eMPIA Technology Inc.

Back Button EM2860 Datasheet HTML 10Page - eMPIA Technology Inc. EM2860 Datasheet HTML 11Page - eMPIA Technology Inc. EM2860 Datasheet HTML 12Page - eMPIA Technology Inc. EM2860 Datasheet HTML 13Page - eMPIA Technology Inc. EM2860 Datasheet HTML 14Page - eMPIA Technology Inc. EM2860 Datasheet HTML 15Page - eMPIA Technology Inc. EM2860 Datasheet HTML 16Page - eMPIA Technology Inc. EM2860 Datasheet HTML 17Page - eMPIA Technology Inc. EM2860 Datasheet HTML 18Page - eMPIA Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
EMPIA Technology
14
8/18/2004
EM2860 Hardware Specification
Serial Bus Timing
Conditions: 100 KHz SCL; 4.7 KOhm pull up; 100 pF load;
Symbo
l
Parameter
Min
Typ
Max
Unit
fSCL
SCL Frequency
100
KHz
tSCL_LOW
SCL Low Pulse Width
4.7
μs
tSCL_HIGH
SCL High Pulse Width
4.0
μs
tOSC
SDA to SCL Output Delay at START and STOP
4.0
7.0
μs
tOSD
SCL to SDA Output Delay at START and STOP
4.0
7.0
μs
tSDA_OD
SDA Output Delay
4.0
7.0
μs
tSDA_SU
SDA Input Setup Time
0
ns
tSDA_HD
SDA Input Hold Time
100
ns
tSDA_HD
tSDA_SU
tSDA_OD
SCL
SDA in
SDA out
tOSC
tOSD
tSCL_LOW
tSCL_HIGH
START
STOP
SDA
Serial Write Cycle
Device
Address
One or More
Register Addr
One or More
Write Data
SDA
Serial Read Cycle
Device
Address
One or More
Register Addr
One or More
Read Data
Device
Address
NACK the last read data and
ACK all others



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com