Electronic Components Datasheet Search
  English  ▼

X  

EM2860 Datasheet(PDF) 13 Page - eMPIA Technology Inc.

Part # EM2860
Description  USB Video Capture Device
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMPIA [eMPIA Technology Inc.]
Direct Link  https://empiatech.com/wp/
Logo EMPIA - eMPIA Technology Inc.

EM2860 Datasheet(HTML) 13 Page - eMPIA Technology Inc.

Back Button EM2860 Datasheet HTML 9Page - eMPIA Technology Inc. EM2860 Datasheet HTML 10Page - eMPIA Technology Inc. EM2860 Datasheet HTML 11Page - eMPIA Technology Inc. EM2860 Datasheet HTML 12Page - eMPIA Technology Inc. EM2860 Datasheet HTML 13Page - eMPIA Technology Inc. EM2860 Datasheet HTML 14Page - eMPIA Technology Inc. EM2860 Datasheet HTML 15Page - eMPIA Technology Inc. EM2860 Datasheet HTML 16Page - eMPIA Technology Inc. EM2860 Datasheet HTML 17Page - eMPIA Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
EMPIA Technology
13
8/18/2004
EM2860 Hardware Specification
Electrical Specifications
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Power Supply Voltage
-0.3
VCC+0.3
V
Voltage on any input
-0.3
5.5
V
Operating Temperature (Ambient)
0
70
oC
Storage Temperature
-40
150
oC
Note:
1. Stress beyond those listed may cause permanent damage to the device.
2. Input pins are 5V tolerant.
DC Characteristics
Symbo
l
Parameter
Conditions
Min
Typ
Max
Unit
VCC2
Core Supply Voltage
2.25
2.5
2.75
V
VCC3
I/O Supply Voltage
3.0
3.3
3.6
V
VCCA
Analog Supply Voltage
3.0
3.3
3.6
V
VIH
Input High Voltage
Vcc3 = 3.3V
2.0
V
VIL
Input Low Voltage
Vcc3 = 3.3V
0.8
V
VOH
Output High Voltage
2.4
V
VOL
Output Low Voltage
0.4
V
ICC
Operating Supply Current
120
mA
ICCS
Suspend Supply Current
250
μA
CIN
Input Capacitance
3.5
pF
COUT
Output Capacitance
3.5
pF
AC Characteristics
Symbo
l
Parameter
Min
Typ
Max
Unit
fXTAL
Crystal Frequency at XSCI, XSCO
12
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com