Electronic Components Datasheet Search
  English  ▼

X  

TCAL9539RTWR Datasheet(PDF) 21 Page - Texas Instruments

Part # TCAL9539RTWR
Description  TCAL9539 Low-Voltage 16-Bit I2C-Bus, SMBus I/O Expander with Interrupt Output, Reset, and Configuration Registers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAL9539RTWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TCAL9539RTWR Datasheet HTML 17Page - Texas Instruments TCAL9539RTWR Datasheet HTML 18Page - Texas Instruments TCAL9539RTWR Datasheet HTML 19Page - Texas Instruments TCAL9539RTWR Datasheet HTML 20Page - Texas Instruments TCAL9539RTWR Datasheet HTML 21Page - Texas Instruments TCAL9539RTWR Datasheet HTML 22Page - Texas Instruments TCAL9539RTWR Datasheet HTML 23Page - Texas Instruments TCAL9539RTWR Datasheet HTML 24Page - Texas Instruments TCAL9539RTWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Table 8-10. Registers 46 and 47 (Pull-Up/Pull-Down Enable Registers)
(continued)
BIT
PE-07
PE-06
PE-05
PE-04
PE-03
PE-02
PE-01
PE-00
DEFAULT
0
0
0
0
0
0
0
0
The pull-up/pull-down selection registers allow the user to configure each GPIO to have a pull-up or pull-down
resistor by programming the respective register bit. Setting a bit to a logic 1 selects a 100 kΩ pull-up resistor
for that GPIO pin. Setting a bit to logic 0 selects a 100 kΩ pull-down resistor for that GPIO pin. If the pull-up/
pull-down feature is disabled via registers 46 and 47, writing to these registers will have no effect on the GPIO
pin.
Table 8-11. Registers 48 and 49 (Pull-Up/Pull-Down Selection Registers)
BIT
PUD-07
PUD-06
PUD-05
PUD-04
PUD-03
PUD-02
PUD-01
PUD-00
DEFAULT
1
1
1
1
1
1
1
1
BIT
PUD-17
PUD-16
PUD-15
PUD-14
PUD-13
PUD-12
PUD-11
PUD-10
DEFAULT
1
1
1
1
1
1
1
1
The Interrupt mask registers are defaulted to logic 1 upon power-on, disabling interrupts during system start-up.
Interrupts may be enabled by setting corresponding mask bits to logic 0.
If an input changes state and the corresponding bit in the interrupt mask register is set to 1, the interrupt is
masked and the interrupt pin is not asserted. If the corresponding bit in the interrupt mask register is set to 0, the
interrupt pin will be asserted.
When an input changes state and the resulting interrupt is masked, setting the interrupt mask register bit to 0
causes the interrupt pin to be asserted. If the interrupt mask bit of an input that is already currently the source of
an interrupt is set to 1, the interrupt pin will be de-asserted.
Table 8-12. Registers 4A and 4B (Interrupt Mask Registers)
BIT
M-07
M-06
M-05
M-04
M-03
M-02
M-01
M-00
DEFAULT
1
1
1
1
1
1
1
1
BIT
M-17
M-16
M-15
M-14
M-13
M-12
M-11
M-10
DEFAULT
1
1
1
1
1
1
1
1
The Interrupt status registers are read only registers used to identify the source of an interrupt. When read, a
logic 1 indicates that the corresponding input pin was the source of the interrupt. A logic 0 indicates that the input
pin is not the source of an interrupt. When a corresponding bit in the interrupt mask register is set to 1 (masked),
the interrupt status bit will return to logic 0.
www.ti.com
TCAL9539
SCPS241 – JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TCAL9539



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com