Electronic Components Datasheet Search
  English  ▼

X  

TCAL9539RTWR Datasheet(PDF) 29 Page - Texas Instruments

Part # TCAL9539RTWR
Description  TCAL9539 Low-Voltage 16-Bit I2C-Bus, SMBus I/O Expander with Interrupt Output, Reset, and Configuration Registers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAL9539RTWR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TCAL9539RTWR Datasheet HTML 25Page - Texas Instruments TCAL9539RTWR Datasheet HTML 26Page - Texas Instruments TCAL9539RTWR Datasheet HTML 27Page - Texas Instruments TCAL9539RTWR Datasheet HTML 28Page - Texas Instruments TCAL9539RTWR Datasheet HTML 29Page - Texas Instruments TCAL9539RTWR Datasheet HTML 30Page - Texas Instruments TCAL9539RTWR Datasheet HTML 31Page - Texas Instruments TCAL9539RTWR Datasheet HTML 32Page - Texas Instruments TCAL9539RTWR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
V
CC
V
POR
V
PORF
Time
POR
Time
Figure 9-9. VPOR
9.4 Layout
9.4.1 Layout Guidelines
For printed circuit board (PCB) layout of the TCAL9539, common PCB layout practices should be followed but
additional concerns related to high-speed data transfer such as matched impedance and differential pairs are not
a concern for I2C signal speeds.
In all PCB layouts, it is a best practice to avoid right angles in signal traces, to fan out signal traces away from
each other upon leaving the vicinity of an integrated circuit (IC), and to use thicker trace widths to carry higher
amounts of current that commonly pass through power and ground traces. By-pass and decoupling capacitors
are commonly used to control the voltage on the supply pins, using a larger capacitor to provide additional power
in the event of a short power supply glitch and a smaller capacitor to filter out high-frequency ripple. These
capacitors should be placed as close to the TCAL9539 as possible. These best practices are shown in Figure
9-10.
For the layout example provided in Figure 9-10, it is possible to fabricate a PCB with only 2 layers by using the
top layer for signal routing and the bottom layer as a split plane for power and ground (GND). However, a 4 layer
board is preferable for boards with higher density signal routing. On a 4 layer PCB, it is common to route signals
on the top and bottom layer, dedicate one internal layer to a ground plane, and dedicate the other internal layer
to a power plane. In a board layout using planes or split planes for power and ground, vias are placed directly
next to the surface mount component pad which needs to attach to power or GND and the via is connected
electrically to the internal layer or the other side of the board. Vias are also used when a signal trace needs to be
routed to the opposite side of the board, but this technique is not demonstrated in Figure 9-10.
www.ti.com
TCAL9539
SCPS241 – JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TCAL9539



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com