Electronic Components Datasheet Search
  English  ▼

X  

TCAL9539RTWR Datasheet(PDF) 22 Page - Texas Instruments

Part # TCAL9539RTWR
Description  TCAL9539 Low-Voltage 16-Bit I2C-Bus, SMBus I/O Expander with Interrupt Output, Reset, and Configuration Registers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAL9539RTWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TCAL9539RTWR Datasheet HTML 18Page - Texas Instruments TCAL9539RTWR Datasheet HTML 19Page - Texas Instruments TCAL9539RTWR Datasheet HTML 20Page - Texas Instruments TCAL9539RTWR Datasheet HTML 21Page - Texas Instruments TCAL9539RTWR Datasheet HTML 22Page - Texas Instruments TCAL9539RTWR Datasheet HTML 23Page - Texas Instruments TCAL9539RTWR Datasheet HTML 24Page - Texas Instruments TCAL9539RTWR Datasheet HTML 25Page - Texas Instruments TCAL9539RTWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Table 8-13. Registers 4C and 4D (Interrupt Status Registers)
BIT
S-07
S-06
S-05
S-04
S-03
S-02
S-01
S-00
DEFAULT
0
0
0
0
0
0
0
0
BIT
S-17
S-16
S-15
S-14
S-13
S-12
S-11
S-10
DEFAULT
0
0
0
0
0
0
0
0
The output port configuration register selects port-wise push-pull or open-drain I/O stage. A logic 0 configures
the I/O as push-pull (Q1 and Q2 are active, see Figure 8-2). A logic 1 configures the I/O as open-drain (Q1 is
disabled, Q2 is active) and the recommended command sequence is to program this register (4F) before the
Configuration register (06 and 07) sets the port pins as outputs.
ODEN0 configures Port 0X and ODEN1 configures Port 1X.
Table 8-14. Register 4F (Output Port Configuration Register)
BIT
Reserved
ODEN-1 ODEN-0
DEFAULT
0
0
0
0
0
0
0
0
8.6.4 Bus Transactions
Data is exchanged between the controller and TCAL9539 through write and read commands.
8.6.4.1 Writes
Data is transmitted to the TCAL9539 by sending the device address and setting the least-significant bit (LSB) to
a logic 0 (see Figure 8-6 for device address). The command byte is sent after the address and determines which
register receives the data that follows the command byte. There is no limitation on the number of data bytes sent
in one write transmission.
Twenty-two registers within the TCAL9539 are configured to operate as eleven register pairs. The eleven pairs
are input port, output port, polarity inversion, configuration, output drive strength (two 16-bit registers), input
latch, pull-up/pull-down enable, pull-up/pulldown selection, interrupt mask, and interrupt status registers. After
sending data to one register, the next data byte is sent to the other register in the pair (see Figure 8-8 and Figure
8-9). For example, if the first byte is sent to Output Port 1 (register 3), the next byte is stored in Output Port 0
(register 2).
There is no limitation on the number of data bytes sent in one write transmission. In this way, each 8-bit register
pair may be updated independently of the other registers.
1
2
SCL
3
4
5
6
7
8
SDA
A
A
A
Data 0
R/W
t
pv
9
0
0
0
0
0
0
0
1
0.7
0.0
Data 1
1.7
1.0 A
S
1
1
1
0
1
0
P
Target Address
Command Byte
Data to Port 0
Data to Port 1
Start Condition
Acknowledge
From Target
Write to Port
Data Out from Port 1
Data Out from Port 0
Data Valid
Acknowledge
From Target
Acknowledge
From Target
t
pv
Stop
Condition
A1 A0
Figure 8-8. Write to Output Port Register
<br/>
TCAL9539
SCPS241 – JULY 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TCAL9539



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com