Electronic Components Datasheet Search
  English  ▼

X  

TCAL9539RTWR Datasheet(PDF) 7 Page - Texas Instruments

Part # TCAL9539RTWR
Description  TCAL9539 Low-Voltage 16-Bit I2C-Bus, SMBus I/O Expander with Interrupt Output, Reset, and Configuration Registers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCAL9539RTWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TCAL9539RTWR Datasheet HTML 3Page - Texas Instruments TCAL9539RTWR Datasheet HTML 4Page - Texas Instruments TCAL9539RTWR Datasheet HTML 5Page - Texas Instruments TCAL9539RTWR Datasheet HTML 6Page - Texas Instruments TCAL9539RTWR Datasheet HTML 7Page - Texas Instruments TCAL9539RTWR Datasheet HTML 8Page - Texas Instruments TCAL9539RTWR Datasheet HTML 9Page - Texas Instruments TCAL9539RTWR Datasheet HTML 10Page - Texas Instruments TCAL9539RTWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
6.7 I2C Bus Timing Requirements (continued)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
ticf
I2C input fall time
300
ns
tocf
I2C output fall time
10-pF to 400-pF bus
300
ns
tbuf
I2C bus free time between stop and start
4.7
µs
tsts
I2C start or repeated start condition setup
4.7
µs
tsth
I2C start or repeated start condition hold
4
µs
tsps
I2C stop condition setup
4
µs
tvd(data)
Valid data time
SCL low to SDA
output valid
3.45
µs
tvd(ack)
Valid data time of ACK condition
ACK signal from SCL
low to SDA (out) low
3.45
µs
Cb
I2C bus capacitive load
400
pF
I2C Bus - Fast Mode
fscl
I2C clock frequency
0
400
kHz
tsch
I2C clock high time
0.6
µs
tscl
I2C clock low time
1.3
µs
tsp
I2C spike time
50
ns
tsds
I2C serial-data setup time
100
ns
tsdh
I2C serial-data hold time
0
ns
ticr
I2C input rise time
20
300
ns
ticf
I2C input fall time
20 × (VCC / 5.5 V)
300
ns
tocf
I2C output fall time
10-pF to 400-pF bus
20 × (VCC / 5.5 V)
300
ns
tbuf
I2C bus free time between stop and start
1.3
µs
tsts
I2C start or repeated start condition setup
0.6
µs
tsth
I2C start or repeated start condition hold
0.6
µs
tsps
I2C stop condition setup
0.6
µs
tvd(data)
Valid data time
SCL low to SDA
output valid
0.9
µs
tvd(ack)
Valid data time of ACK condition
ACK signal from SCL
low to SDA (out) low
0.9
µs
Cb
I2C bus capacitive load
400
pF
I2C Bus - Fast Mode Plus
fscl
I2C clock frequency
0
1000
kHz
tsch
I2C clock high time
0.26
µs
tscl
I2C clock low time
0.5
µs
tsp
I2C spike time
50
ns
tsds
I2C serial-data setup time
50
ns
tsdh
I2C serial-data hold time
0
ns
ticr
I2C input rise time
120
ns
ticf
I2C input fall time
20 × (VCC / 5.5 V)
120
ns
tocf
I2C output fall time
10-pF to 550-pF bus
20 × (VCC / 5.5 V)
120
ns
tbuf
I2C bus free time between stop and start
0.5
µs
tsts
I2C start or repeated start condition setup
0.26
µs
tsth
I2C start or repeated start condition hold
0.26
µs
tsps
I2C stop condition setup
0.26
µs
tvd(data)
Valid data time
SCL low to SDA
output valid
0.45
µs
www.ti.com
TCAL9539
SCPS241 – JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TCAL9539



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com