Electronic Components Datasheet Search
  English  ▼

X  

MP2451 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2451
Description  36V, 2MHz, 0.6A Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2451 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2451 Datasheet HTML 1Page - Monolithic Power Systems MP2451 Datasheet HTML 2Page - Monolithic Power Systems MP2451 Datasheet HTML 3Page - Monolithic Power Systems MP2451 Datasheet HTML 4Page - Monolithic Power Systems MP2451 Datasheet HTML 5Page - Monolithic Power Systems MP2451 Datasheet HTML 6Page - Monolithic Power Systems MP2451 Datasheet HTML 7Page - Monolithic Power Systems MP2451 Datasheet HTML 8Page - Monolithic Power Systems MP2451 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP2451―36V, 2MHz, 0.6A, STEP-DOWN CONVERTER
MP2451 Rev. 1.34
www.MonolithicPower.com
8/6/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
4
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 2V, TA= 25C, unless otherwise noted.
Parameter
Condition
Min
Typ
Max
Units
Feedback Voltage
4.0V < VIN < 36V
0.778
0.794
0.810
V
3.3V < VIN < 4.0V
0.770
0.794
0.818
V
Upper Switch On Resistance
VBST-VSW=5V
500
mΩ
Upper Switch Leakage
VEN = 0V, VSW = 0V
0.1
1
μA
Current Limit
1.0
A
COMP to Current Sense
Transconductance
GCS
3
A/V
Minimum Operating VIN Voltage
3.3
V
VIN UVLO Up Threshold
2.7
3.2
V
VIN UVLO Hysteresis
0.4
V
Soft-start time
FB from 0 to 1.8V
0.5
msec
Oscillator Frequency
1600
2000
2400
kHz
Minimum Switch On Time
100
ns
Shutdown Supply Current
VEN = 0V
3
15
μA
Average Quiescent Supply Current No load, VFB=0.9
130
uA
Thermal Shutdown
150
C
Enable up Threshold
1.4
1.55
1.7
V
Enable Threshold Hysteresis
0.3
V
Enable Clamping Voltage
7.5
V
PIN FUNCTIONS
Pin #
Name
Description
1
BST
Bootstrap. This is the positive power supply for the internal floating high side MOSFET
driver. Connect a bypass capacitor between this pin and SW pin.
2
GND
Ground. It should be connected as close as possible to the output capacitor avoiding
the high current switch paths.
3
FB
Feedback. This is the input to the error amplifier. An external resistive divider
connected between the output and GND is compared to the internal +0.8V reference
to set the regulation voltage.
4
EN
Enable input. Pulling this pin below the specified threshold shuts the chip down. Pulling
it above the specified threshold enables the chip. Floating this pin shuts the chip down.
5
VIN
Input Supply. This supplies power to all the internal control circuitry, both BS regulators
and the high side switch. A decoupling capacitor to ground is required close to this pin
to reduce switching spikes.
6
SW
Switch node. This is the output from the high-side switch. A low VF Schottky diode to
ground is required close to this pin to reduce switching spikes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com