Electronic Components Datasheet Search
  English  ▼

X  

MP2451 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2451
Description  36V, 2MHz, 0.6A Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2451 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2451 Datasheet HTML 4Page - Monolithic Power Systems MP2451 Datasheet HTML 5Page - Monolithic Power Systems MP2451 Datasheet HTML 6Page - Monolithic Power Systems MP2451 Datasheet HTML 7Page - Monolithic Power Systems MP2451 Datasheet HTML 8Page - Monolithic Power Systems MP2451 Datasheet HTML 9Page - Monolithic Power Systems MP2451 Datasheet HTML 10Page - Monolithic Power Systems MP2451 Datasheet HTML 11Page - Monolithic Power Systems MP2451 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MP2451―36V, 2MHz, 0.6A, STEP-DOWN CONVERTER
MP2451 Rev. 1.34
www.MonolithicPower.com
8/6/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
8
When COMP voltage is higher than the sleep
threshold, the PAUSE signal is reset so the chip
is back into normal PWM operation. Every time
when the PAUSE changes states from low to
high, a turn-on signal is generated right away,
turning on the power MOSFET.
Error Amplifier
The Error amplifier is composed of an internal
OP-AMP
with
an
R-C
feedback
network
connected between its output node (internal
COMP node) and its negative input node (FB).
When FB is lower than its internal reference
voltage (REF), the COMP output is then driven
higher by the OP-AMP, causing higher switch
peak current output hence more energy delivered
to the output. Vise versus.
When connecting to the FB pin, normally there is
a voltage divider composed of RUP and RDN
where RDN is between FB and GND while RUP is
between the voltage output node and FB. RUP
serves also to control the gain of the error
amplifier along with the internal compensation R-
C network.
Internal Regulator
Most of the internal circuitry is powered on by the
2.6V internal regulator. This regulator takes VIN
input and operates in the full VIN range. When
VIN is greater than 3.0V, the output of the
regulator is in full regulation. When VIN is lower,
the output degrades.
Enable Control
The MP2451 has a dedicated enable control pin
EN. With high enough VIN, the chip can be
enabled and disabled by EN pin. This is a HIGH
effective logic. Its rising threshold is 1.55V
typically and its trailing threshold is about 300mV
lower. When floating, EN pin is internally pulled
down to GND so the chip is disabled.
When EN is pulled down to 0V, the chip is put
into the lowest shutdown current mode. When
EN is higher than zero but lower than its rising
threshold, the chip is still in shutdown mode but
the shutdown current increases slightly.
Internally a zener diode is connected from EN pin
to GND pin. The typical clamping voltage of the
zener diode is 7.5V. So VIN can be connected to
EN through a high ohm resistor if the system
doesn't have another logic input acting as enable
signal. The resistor needs to be designed to limit
the EN pin sink current less than 100μA.
Under Voltage Lockout (UVLO)
VIN Under voltage lockout (UVLO) is implemented
to protect the chip from operating at insufficient
supply voltage. The UVLO rising threshold is
about 2.9V while its trailing threshold is about
400mV lower.
Internal Soft-start
Reference type soft-start is implemented to
prevent the converter output voltage from
overshooting during startup. When the chip starts,
the internal circuitry generates a soft-start voltage
(SS) ramping up from 0V at a slow pace set by
the soft-start time. When it is lower than the
internal reference REF, SS overrides the REF so
the error amplifier uses SS instead of REF as the
reference. When SS is higher than REF, REF
gains the control back.
SS is also associated with FB. Though SS can
be much lower than FB, it can only be slightly
higher than FB. If somehow FB is brought down,
SS follows to track FB. This function is designed
to accommodate
the short-circuit recovery
situation. When a short-circuit is removed, the SS
ramps up as if it is a fresh soft-start process. This
prevents output voltage overshoot.
Thermal Shutdown
Thermal shutdown is implemented to prevent the
chip from thermally running away. When the
silicon die temperature is higher than its upper
threshold, it shuts down the whole chip. When
the temperature is lower than its lower threshold,
thermal shutdown is gone so the chip is enabled
again.
Floating Driver and Bootstrap Charging
The floating power MOSFET driver is powered by
an external bootstrap capacitor.
This floating
driver has its own UVLO protection. This UVLO’s
rising threshold is about 2.4V with a threshold of
about 300mV. During this UVLO, the SS voltage
of the controller is reset to zero. When the UVLO
is removed, the controller follows soft-start
process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com