Electronic Components Datasheet Search
  English  ▼

X  

MP2451 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2451
Description  36V, 2MHz, 0.6A Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2451 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2451 Datasheet HTML 1Page - Monolithic Power Systems MP2451 Datasheet HTML 2Page - Monolithic Power Systems MP2451 Datasheet HTML 3Page - Monolithic Power Systems MP2451 Datasheet HTML 4Page - Monolithic Power Systems MP2451 Datasheet HTML 5Page - Monolithic Power Systems MP2451 Datasheet HTML 6Page - Monolithic Power Systems MP2451 Datasheet HTML 7Page - Monolithic Power Systems MP2451 Datasheet HTML 8Page - Monolithic Power Systems MP2451 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP2451
36V, 2MHz, 0.6A
Step-Down Converter
MP2451 Rev. 1.34
www.MonolithicPower.com
8/6/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
1
The Future of Analog IC Technology
DESCRIPTION
The MP2451 is a high frequency (2MHz) step-
down
switching
regulator
with
integrated
internal high-side high voltage power MOSFET.
It provides single 0.6A (or less) highly efficient
output with current mode control for fast loop
response.
The
wide
3.3V
to
36V
input
range
accommodates
a
variety
of
step-down
applications in automotive input environment. A
3μA shutdown mode quiescent current allows
use in battery-powered applications.
High power conversion efficiency over a wide
load range is achieved by scaling down the
switching frequency at light load condition to
reduce the switching and gate driving losses.
Frequency fold-back helps prevent inductor
current runaway during start-up. Thermal
shutdown
provides
reliable,
fault-tolerant
operation.
The MP2451 is available in the cost-effective
SOT23-6 and TSOT23-6 packages.
FEATURES
 130μA Operating Quiescent Current
 Wide 3.3V to 36V Operating Input Range
 500mΩ Internal Power MOSFET
 2MHz fixed Switching Frequency
 Internally compensated
 Stable with Ceramic Output Capacitors
 Internal Soft-Start
 Precision Current Limit Without Current
Sensing Resistor
 > 90% Efficiency
 Output Adjustable from +0.8V to 0.8xVIN
 3μA Low Shutdown Supply Current
 SOT23-6 and TSOT23-6 Packages
APPLICATIONS
 High Voltage Power Conversion
 Automotive Systems
 Industrial Power Systems
 Distributed Power Systems
 Battery Powered Systems
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2451
SW
VIN
EN
FB
GND
BST
1
5
6
3
4
C1
C3
33pF
C4
100nF
L1
D1
VIN
VOUT
5V/0.6A
Control
Efficiency
VOUT=5V
60
55
50
0
0.1
0.2
0.3
0.4
0.5 0.6
65
70
75
80
85
90
95
OUTPUT CURRENT(A)
VIN=8V
VIN=12V
VIN=36V
VIN=24V


Similar Part No. - MP2451

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP245 CTS-MP245 Datasheet
133Kb / 5P
Quartz Crystal
logo
Monolithic Power System...
MP2452 MPS-MP2452 Datasheet
478Kb / 16P
1A, 36V, 1MHz Step-Down Converter
MP2452DD MPS-MP2452DD Datasheet
478Kb / 16P
1A, 36V, 1MHz Step-Down Converter
MP2454 MPS-MP2454 Datasheet
677Kb / 19P
36V, 0.6A Step-Down Converter
MP2454GH MPS-MP2454GH Datasheet
677Kb / 19P
36V, 0.6A Step-Down Converter
More results

Similar Description - MP2451

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4566 MPS-MP4566 Datasheet
358Kb / 14P
36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
MPQ2451 MPS-MPQ2451 Datasheet
449Kb / 16P
Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ2454-AEC1 MPS-MPQ2454-AEC1 Datasheet
1Mb / 19P
36V, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ2451-AEC1 MPS-MPQ2451-AEC1 Datasheet
896Kb / 16P
Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
MP2454 MPS-MP2454 Datasheet
677Kb / 19P
36V, 0.6A Step-Down Converter
MPM3506A MPS-MPM3506A Datasheet
1Mb / 22P
36V/0.6A Module Synchronous Step-Down Converter with Integrated Inductor
EV2454-H-00A MPS-EV2454-H-00A Datasheet
673Kb / 7P
36V, 0.6A Step Down Converter Evaluation Board
EV2454-Q-00A MPS-EV2454-Q-00A Datasheet
333Kb / 7P
36V, 0.6A Step Down Converter Evaluation Board
EVQ2451-G-00A MPS-EVQ2451-G-00A Datasheet
412Kb / 5P
0.6A, 2MHz, 36V Step-Down Converter Evaluation Board
MPQ2451-5-AEC1 MPS-MPQ2451-5-AEC1 Datasheet
1Mb / 18P
36V, 2.2MHz, 0.6A, Step-Down Converter AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com