Electronic Components Datasheet Search
  English  ▼

X  

MP2451 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2451
Description  36V, 2MHz, 0.6A Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2451 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2451 Datasheet HTML 1Page - Monolithic Power Systems MP2451 Datasheet HTML 2Page - Monolithic Power Systems MP2451 Datasheet HTML 3Page - Monolithic Power Systems MP2451 Datasheet HTML 4Page - Monolithic Power Systems MP2451 Datasheet HTML 5Page - Monolithic Power Systems MP2451 Datasheet HTML 6Page - Monolithic Power Systems MP2451 Datasheet HTML 7Page - Monolithic Power Systems MP2451 Datasheet HTML 8Page - Monolithic Power Systems MP2451 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP2451―36V, 2MHz, 0.6A, STEP-DOWN CONVERTER
MP2451 Rev. 1.34
www.MonolithicPower.com
8/6/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
5
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, C1 = 4.7µF, C2 = 10µF, L = 3.3µH and TA = +25C, unless otherwise noted.
VSW
10V/div.
.
.
VOUT
(AC coupled)
10mV/div.
IL
500mA/div
VSW
10V/div.
VSW
10V/div.
VEN
2V/div.
VOUT
(AC coupled)
10mV/div.
VOUT
5V/div.
IL
500mA/div.
IL
500mA/div.
VSW
10V/div.
VEN
2V/div.
VOUT
5V/div.
IL
500mA/div.
VSW
10V/div.
VEN
2V/div.
VOUT
5V/div.
IL
500mA/div.
VSW
10V/div.
VEN
2V/div.
VOUT
5V/div.
IL
500mA/div.
Efficiency
VOUT=2.5V
Efficiency
VOUT=3.3V
Steady State
VIN=12V,VOUT=5V,IOUT=0.1A
Steady State
VIN=12V,VOUT=5V,IOUT=0.6A
Startup Through EN
VIN=12V,VOUT=5V,IOUT=0.1A
Startup Through EN
VIN=12V,VOUT=5V,IOUT=0.6A
60
65
70
75
80
85
90
60
65
70
75
80
85
90
0
0.1
0.2
0.3
0.4
0.5 0.6
OUTPUT CURRENT(A)
0
0.1
0.2
0.3
0.4
0.5 0.6
OUTPUT CURRENT(A)
400ns/div.
400ns/div.
Shutdown Through EN
VIN=12V,VOUT=5V,IOUT=0.1A
Shutdown Through EN
VIN=12V,VOUT=5V,IOUT=0.6A
2ms/div.
VIN=6V
VIN=8V
VIN=12V
VIN=12V
VIN=24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com