Electronic Components Datasheet Search
  English  ▼

X  

3806 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # 3806
Description  The OSIRE E3323 is designed for automotive ambient applications.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

3806 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button 3806 Datasheet HTML 2Page - OSRAM GmbH 3806 Datasheet HTML 3Page - OSRAM GmbH 3806 Datasheet HTML 4Page - OSRAM GmbH 3806 Datasheet HTML 5Page - OSRAM GmbH 3806 Datasheet HTML 6Page - OSRAM GmbH 3806 Datasheet HTML 7Page - OSRAM GmbH 3806 Datasheet HTML 8Page - OSRAM GmbH 3806 Datasheet HTML 9Page - OSRAM GmbH 3806 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
KRTBDWLM31.32
DATASHEET
DATASHEET
6 | Version 1.3 | 2023-03-09
Characteristics
I
F = 10 mA; TS = 25 °C
Parameter
Symbol
Values
Values
Values
● red
● true green
● blue
Peak Wavelength
λ
peak
typ.
640 nm
522 nm
463 nm
Dominant Wavelength 2)
λ
dom
min.
typ.
max.
620 nm
626 nm
632 nm
524 nm
533 nm
541 nm
449 nm
462 nm
473 nm
Forward Voltage 3)
I
F = 10 mA
V
F
min.
typ.
max.
1.80 V
1.90 V
2.30 V
2.30 V
2.55 V
2.90 V
2.50 V
2.85 V
3.10 V
Reverse current 1)
VR= 12V (red); VR= 5V (blue / true
green)
I
R
typ.
max.
0.01 µA
10 µA
0.01 µA
10 µA
0.01 µA
10 µA
Real thermal resistance junction/sol-
derpoint 4)
R
thJS real
typ.
max.
58 K / W
83 K / W
40 K / W
61 K / W
48 K / W
73 K / W
C
Chhaarraacctteerriissttiiccss
IF = 50 mA; TS = 25 °C
Parameter
Symbol
Values
● red
Values
● true green
Values
● blue
Forward Voltage 3)
IF = 50 mA
VF
min.
max.
2,0 V
3,5 V
2,6 V
3,3 V
2,8 V
3,9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com