Electronic Components Datasheet Search
  English  ▼

X  

3806 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # 3806
Description  The OSIRE E3323 is designed for automotive ambient applications.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

3806 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button 3806 Datasheet HTML 3Page - OSRAM GmbH 3806 Datasheet HTML 4Page - OSRAM GmbH 3806 Datasheet HTML 5Page - OSRAM GmbH 3806 Datasheet HTML 6Page - OSRAM GmbH 3806 Datasheet HTML 7Page - OSRAM GmbH 3806 Datasheet HTML 8Page - OSRAM GmbH 3806 Datasheet HTML 9Page - OSRAM GmbH 3806 Datasheet HTML 10Page - OSRAM GmbH 3806 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
KRTBDWLM31.32
DATASHEET
DATASHEET
7 | Version 1.3 | 2023-03-09
Brightness Groups
● red
Group
Luminous Intensity 5)
Luminous Intensity 5)
I
F = 10 mA
I
F = 10 mA
min.
max.
I
v
I
v
2T
315 mcd
355 mcd
3T
355 mcd
400 mcd
4T
400 mcd
450 mcd
1U
450 mcd
500 mcd
2U
500 mcd
560 mcd
3U
560 mcd
630 mcd
4U
630 mcd
710 mcd
1V
710 mcd
800 mcd
Brightness Groups
● true green
Group
Luminous Intensity 5)
Luminous Intensity 5)
I
F = 10 mA
I
F = 10 mA
min.
max.
I
v
I
v
5A
1120 mcd
1250 mcd
6A
1250 mcd
1400 mcd
7A
1400 mcd
1590 mcd
8A
1590 mcd
1800 mcd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com