Electronic Components Datasheet Search
  English  ▼

X  

3806 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # 3806
Description  The OSIRE E3323 is designed for automotive ambient applications.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

3806 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button 3806 Datasheet HTML 15Page - OSRAM GmbH 3806 Datasheet HTML 16Page - OSRAM GmbH 3806 Datasheet HTML 17Page - OSRAM GmbH 3806 Datasheet HTML 18Page - OSRAM GmbH 3806 Datasheet HTML 19Page - OSRAM GmbH 3806 Datasheet HTML 20Page - OSRAM GmbH 3806 Datasheet HTML 21Page - OSRAM GmbH 3806 Datasheet HTML 22Page - OSRAM GmbH 3806 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
KRTBDWLM31.32
DATASHEET
DATASHEET
19 | Version 1.3 | 2023-03-09
Dominant Wavelength 6)
Δλ
dom = λdom - λdom(25 °C) = f(Tj); IF = 10 mA
KRTBDWLM31.32
-40-20
020406080 100 120
Tj /°C
-8
-6
-4
-2
0
2
4
6
8
∆λ dom /nm
:red
Dominant Wavelength 6)
Δλ
dom = λdom - λdom(25 °C) = f(Tj); IF = 10 mA
KRTBDWLM31.32
-40-20
020406080 100 120
Tj /°C
-8
-6
-4
-2
0
2
4
6
8
10
∆λ dom /nm
:truegreen
Dominant Wavelength 6)
Δλ
dom = λdom - λdom(25 °C) = f(Tj); IF = 10 mA
KRTBDWLM31.32
-40-20
020406080 100 120
Tj /°C
-8
-6
-4
-2
0
2
4
6
8
10
∆λ dom /nm
:blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com