Electronic Components Datasheet Search
  English  ▼

X  

3806 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # 3806
Description  The OSIRE E3323 is designed for automotive ambient applications.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

3806 Datasheet(HTML) 4 Page - OSRAM GmbH

  3806 Datasheet HTML 1Page - OSRAM GmbH 3806 Datasheet HTML 2Page - OSRAM GmbH 3806 Datasheet HTML 3Page - OSRAM GmbH 3806 Datasheet HTML 4Page - OSRAM GmbH 3806 Datasheet HTML 5Page - OSRAM GmbH 3806 Datasheet HTML 6Page - OSRAM GmbH 3806 Datasheet HTML 7Page - OSRAM GmbH 3806 Datasheet HTML 8Page - OSRAM GmbH 3806 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
KRTBDWLM31.32
DATASHEET
DATASHEET
4 | Version 1.3 | 2023-03-09
O
Orrddeerriinngg IInnffoorrm
maattiioonn
Type
Parameter
Brightness
IF = 10 mA
Ordering Code
KRTBDWLM31.32-2T1V-JW+5A8A-J3+2R1T-5V
Q65113A4892
red
IV = 315 … 800 mcd
true green
IV = 1120 … 1800 mcd
blue
IV = 125 … 315 mcd
TTyyppiiccaall bbrriigghhttnneessss
TS = 25°C
Color
Current
in mA
Value
Unit
red
10
560
mcd
true green
10
1460
mcd
blue
10
220
mcd
red
50
2700
mcd
true green
50
4140
mcd
blue
50
720
mcd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com