Electronic Components Datasheet Search
  English  ▼

X  

LTM4650 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM4650
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 2Page - Analog Devices LTM4650 Datasheet HTML 3Page - Analog Devices LTM4650 Datasheet HTML 4Page - Analog Devices LTM4650 Datasheet HTML 5Page - Analog Devices LTM4650 Datasheet HTML 6Page - Analog Devices LTM4650 Datasheet HTML 7Page - Analog Devices LTM4650 Datasheet HTML 8Page - Analog Devices LTM4650 Datasheet HTML 9Page - Analog Devices LTM4650 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTM4650-2
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Single-Phase Short-Circuit
Protection with 25A
Single-Phase Short-Circuit
Protection with No load
Single-Phase Start-Up with 25A
20ms/DIV
VSW
10V/DIV
VOUT
0.5V/DIV
IIN
1A/DIV
46502 G10
12VIN, 1.2VOUT, 500kHz
COUT = 470µF ×1 POSCAP + 100µF ×2
CERAMIC, CSS = 0.1 F
50 s/DIV
VSW
10V/DIV
VOUT
0.5V/DIV
IIN
1A/DIV
46502 G11
12VIN, 1.2VOUT, 500kHz
COUT = 470µF ×1 POSCAP + 100µF ×2
CERAMIC, CSS = 0.1µF
50µs/DIV
VSW
10V/DIV
VOUT
0.5V/DIV
IIN
2A/DIV
46502 G12
12VIN, 1.2VOUT, 500kHz
COUT = 470µF ×1 POSCAP + 100µF ×2 CERAMIC
PIN FUNCTIONS
VOUT1 (A1–A5, B1–B5, C1–C4): Power Output Pins.
Apply output load between these pins and GND pins.
Recommend placing output decoupling capacitance
directly between these pins and GND pins. See Table 4.
GND (A6–A7, B6–B7, D1–D4, D9–D12, E1–E4, E10–E12,
F1–F3, F10–F12, G1, G3, G10, G12, H1–H7, H9–H12,
J1, J5, J8, J12, K1, K5–K8, K12, L1, L12, M1, M12):
Power Ground Pins for Both Input and Output Returns.
VOUT2 (A8–A12, B8–B12, C9–C12): Power Output Pins.
Apply output load between these pins and GND pins.
Recommend placing output decoupling capacitance
directly between these pins and GND pins. See Table 4.
VOUTS1, VOUTS2 (C5, C8): This pin is connected to the top
of the internal top feedback resistor for each output. The
pin can be directly connected to its specific output, or
connected to DIFFOUT when the remote sense amplifier is
used. In paralleling modules, one of the VOUTS pins is con-
nected to the DIFFOUT pin in remote sensing or directly
to VOUT with no remote sensing. It is very important to
connect these pins to either the DIFFOUT or VOUT since
this is the feedback path and cannot be left open. See the
Applications Information section.
fSET (C6): Frequency Set Pin. A 10µA current is sourced
from this pin. A resistor from this pin to ground sets a volt-
age that programs the operating frequency. Alternatively,
this pin can be driven with a DC voltage that can set the
operating frequency. See the Applications Information
section.
SGND (C7, D6, G6–G7, F6–F7): Signal Ground Pin.
Return ground path for all analog and low-power circuitry.
Tie a single connection to the output capacitor GND in the
application. See the layout guidelines in Figure 23.
VFB1, VFB2 (D5, D7): The Negative Input of the Error
Amplifier for Each Channel. Internally, this pin is con-
nected to VOUTS1 or VOUTS2 with a 60.4kΩ precision
resistor. Different output voltages can be programmed
with an additional resistor between VFB and GND pins. In
PolyPhase® operation, tying the VFB pins together allows
for parallel operation. See the Applications Information
section for details.
TRACK1, TRACK2 (E5, D8): Output Voltage Tracking Pin
and Soft-Start Inputs. Each channel has a 1.3µA pull-up
current source. When one channel is configured to be the
main of the two channels, then a capacitor from this pin
(Recommended to use test points to monitor signal pin connections.)
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com