Electronic Components Datasheet Search
  English  ▼

X  

LTM4650 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4650
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 1 Page - Analog Devices

  LTM4650 Datasheet HTML 1Page - Analog Devices LTM4650 Datasheet HTML 2Page - Analog Devices LTM4650 Datasheet HTML 3Page - Analog Devices LTM4650 Datasheet HTML 4Page - Analog Devices LTM4650 Datasheet HTML 5Page - Analog Devices LTM4650 Datasheet HTML 6Page - Analog Devices LTM4650 Datasheet HTML 7Page - Analog Devices LTM4650 Datasheet HTML 8Page - Analog Devices LTM4650 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTM4650-2
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
DESCRIPTION
Dual 25A or Single 50A µModule Regulator
with Active Voltage Positioning
The LTM®4650-2 is a dual 25A or single 50A output step-
down µModule® (micromodule) regulator with ±1.5%
total DC output error. The package includes the switching
controller, power FETs, inductors, and all supporting com-
ponents. External compensation allows for fast transient
response to minimize output capacitance when powering
FPGAs, ASICs, and processors. AVP can further improve
transient response and reduce the output capacitance.
With synchronized multiphase parallel current sharing,
six LTM4650-2 devices can deliver up to 300A.
The LTM4650-2 is offered in a 16mm × 16mm ×
5.01mm BGA package with SnPb or RoHS-compliant
terminal finish.
FEATURES
APPLICATIONS
n
Dual 25A or Single 50A Output
n
4.5V to 15V Input, 0.6V to 1.8V Output Voltage Range
n
±1.5% Maximum Total DC Output Error Over
Line and Load
n
Differential Remote Sense Amplifier
n
Current Mode Control/Fast Transient Response
n
Current Sharing Up to 300A
n
AVP (Active Voltage Positioning) Compatible
n
16mm × 16mm × 5.01mm BGA Package
n
FPGA, ASIC, µProcessor Core Voltage Regulation
n
Information, Communication Systems
1.0V Output Efficiency,
fSW = 500kHz
Dual 25A, 1.0V and 1.5V Outputs DC/DC μModule Regulator
LOAD CURRENT (A)
0
10
20
30
40
50
65
70
75
80
85
90
95
46502 TA01b
VIN = 5V
VIN = 12V
All registered trademarks and trademarks are the property of their respective owners.
PGOOD2
R3
10k
INTVCC
46502 TA01a
LTM4650-2
VIN
TEMP
RUN1
RUN2
TRACK1
TRACK2
fSET
RFB2
40.2k
R2
10k
PHASMD
VOUT1
VOUTS1
SW1
VFB1
VFB2
COMP1
COMP2
VOUTS2
VOUT2
SW2
PGOOD2
MODE_PLLIN CLKOUT INTVCC EXTVCC PGOOD1
PGOOD1
INTVCC
SGND
GND
TRACK1
TRACK2
DIFFN
DIFFP DIFFOUT
RFB1
82.6k
VFB1
VOUT2
1.5V, 25A
COUT3
100µF
6.3V
×5
COUT4
470µF
6.3V
×2
R4
121k
R7
100k
C5
0.1µF
C9
0.1µF
C1
22µF
25V
×4
C10
4.7µF
VOUT1
1V, 25A
R19
560k
VFB1
+
CIN
330µF
25V
VIN
4.5V TO
15V
INTVCC
+
COUT1
100µF
6.3V
×3
+
R13
21k
C12
47pF
C13
3300pF
R18
5M
INTVCC
COUT2
470µF
6.3V
×2
50% (12.5A) Load Step
Transient Response,
12VIN, 1VOUT (with AVP)
100µs/DIV
VOUT (AC)
30mV/DIV
LOAD STEP
10A/DIV
46502 TA01c


Similar Part No. - LTM4650

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4650 LINER-LTM4650 Datasheet
1Mb / 28P
Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
LTM4650 LINER-LTM4650 Datasheet
1Mb / 36P
40A DC/DC 關Module Regulator
LTM4650 LINER-LTM4650 Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
LTM4650 LINER-LTM4650 Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
LTM4650 LINER-LTM4650 Datasheet
720Kb / 34P
Dual 25A or Single 50A DC/DC 關Module Regulator
More results

Similar Description - LTM4650

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4650 LINER-LTM4650 Datasheet
720Kb / 34P
Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650-1 LINER-LTM4650-1 Datasheet
662Kb / 36P
Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
LTM4650A LINER-LTM4650A Datasheet
2Mb / 38P
Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
LTM4650A-1 LINER-LTM4650A-1 Datasheet
1Mb / 36P
Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
LTM4650AEY LINER-LTM4650AEY Datasheet
1Mb / 12P
Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4650AEY-1 LINER-LTM4650AEY-1 Datasheet
1Mb / 12P
Dual 25A or Single 50A DC/DC 關Module Regulator
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTM4700 AD-LTM4700 Datasheet
3Mb / 126P
Dual 50A or Single 100A μModule Regulator with Digital Power System Management
LTM4652 AD-LTM4652 Datasheet
4Mb / 38P
Source/Sink Dual ±25A or Single ±50A μModule Regulator with Input Overvoltage Protection
Rev. 0
logo
Monolithic Power System...
MPM3690-50A MPS-MPM3690-50A Datasheet
1Mb / 28P
16V, Dual 25A or Single 50A DC/DC Power Module
Rev. 1.0 5/24/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com