Electronic Components Datasheet Search
  English  ▼

X  

LTM4650 Datasheet(PDF) 27 Page - Analog Devices

Part # LTM4650
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 23Page - Analog Devices LTM4650 Datasheet HTML 24Page - Analog Devices LTM4650 Datasheet HTML 25Page - Analog Devices LTM4650 Datasheet HTML 26Page - Analog Devices LTM4650 Datasheet HTML 27Page - Analog Devices LTM4650 Datasheet HTML 28Page - Analog Devices LTM4650 Datasheet HTML 29Page - Analog Devices LTM4650 Datasheet HTML 30Page - Analog Devices LTM4650 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
LTM4650-2
27
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Layout Checklist/Example
The high integration of LTM4650-2 makes the PCB board
layout very simple and easy. However, to optimize its elec-
trical and thermal performance, some layout consider-
ations are still necessary.
• Use large PCB copper areas for high current paths,
including VIN, GND, VOUT1 and VOUT2. It helps to mini-
mize the PCB conduction loss and thermal stress.
• Place high-frequency ceramic input and output capaci-
tors next to the VIN, PGND and VOUT pins to minimize
high-frequency noise.
• Place a dedicated power ground layer underneath
the unit.
• To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnection
between the top layer and other power layers.
• Do not put via directly on the pad, unless they are
capped or plated over.
• Use a separated SGND ground copper area for com-
ponents connected to signal pins. Connect the SGND
to the GND underneath the unit.
• For parallel modules, tie the VOUT, VFB, and COMP pins
together. Use an internal layer to closely connect these
pins together. The TRACK pin can be tied to a common
capacitor for regulator soft-start.
• Bring out test points on the signal pins for monitoring.
Figure 23 gives a good example of the recommended
layout. LGA and BGA PCB layouts are identical, with
the exception of circle pads for BGA (see Package
Description section).
Figure 23. Recommended PCB Layout
GND
GND
GND
CNTRL
VOUT1
COUT1
COUT2
VOUT2
VIN
CIN1
CIN2
1
2
3
4
5
6
7
8
10
9
11
12
L
K
J
H
G
F
E
D
C
B
M
A
46502 F23
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com