Electronic Components Datasheet Search
  English  ▼

X  

LTM4650 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4650
Description  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 5Page - Analog Devices LTM4650 Datasheet HTML 6Page - Analog Devices LTM4650 Datasheet HTML 7Page - Analog Devices LTM4650 Datasheet HTML 8Page - Analog Devices LTM4650 Datasheet HTML 9Page - Analog Devices LTM4650 Datasheet HTML 10Page - Analog Devices LTM4650 Datasheet HTML 11Page - Analog Devices LTM4650 Datasheet HTML 12Page - Analog Devices LTM4650 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LTM4650-2
9
Rev. 0
For more information www.analog.com
OPERATION
POWER MODULE DESCRIPTION
The LTM4650-2 is a dual-output standalone nonisolated
switching mode DC/DC power supply with ±1.5% total DC
output error over line, load and temperature variation. It
can provide two 25A outputs with few external input and
output capacitors and setup components. This module
provides precisely regulated output voltages program-
mable via external resistors from 0.6VDC to 1.8VDC over
4.5V to 15V input voltages. The typical application sche-
matic is shown in Figure 24.
The LTM4650-2 has dual integrated constant-frequency
current mode regulators and built-in power MOSFET
devices with fast switching speed. The typical switching
frequency is from 400kHz to 600kHz, depending on the
output voltage. For switching-noise sensitive applications,
it can be externally synchronized from 400kHz to 750kHz.
A resistor can be used to program a free run frequency
on the fSET pin. See the Applications Information section.
With current mode control, the LTM4650-2 module has
sufficient stability margins and good transient perfor-
mance with a wide range of output capacitors, even with
all ceramic output capacitors.
Current mode control provides cycle-by-cycle fast current
limit and foldback current limit in an overcurrent condi-
tion. Internal overvoltage and undervoltage comparators
pull the open-drain PGOOD outputs low if the output
feedback voltage exits a ±10% window around the regu-
lation point. As the output voltage exceeds 10% above
regulation, the bottom MOSFET will turn on to clamp the
output voltage. The top MOSFET will be turned off. This
overvoltage protect is feedback voltage referred.
Pulling the RUN pins below 1.1V forces the regulators
into a shutdown state by turning off both MOSFETs. The
TRACK pins are used for programming the output voltage
ramp and voltage tracking during start-up or for soft-
starting the regulator. See the Applications Information
section.
An external RC filtering circuit is required to achieve fast
Type II control loop compensation. Table 4 provides a
guideline for input, output capacitances and RC COMP
values for several operating conditions. The Analog
Devices µModule power design tool (LTpowerCAD) will be
provided for transient and stability analysis. The VFB pin is
used to program the output voltage with a single external
resistor to ground. A differential remote sense amplifier
is available for sensing the output voltage accurately on
one of the outputs at the load point or in parallel operation
sensing the output voltage at the load point.
The multiphase operation can be easily employed with
the MODE_PLLIN, PHASMD, and CLKOUT pins. Up to
12 phases can be cascaded to run simultaneously with
respect to each other by programming the PHASMD pin to
different levels. See the Applications Information section.
High efficiency at light loads can be accomplished with
selectable Burst Mode operation or pulse-skipping
operation using the MODE_PLLIN pin. These light-load
features will accommodate battery operation. Efficiency
graphs are provided for light load operation in the Typical
Performance Characteristics section. See the Applications
Information section for details.
A general-purpose temperature diode is included inside
the module to monitor the temperature of the module. See
the Applications Information section for details.
The switch pins are available for functional operation
monitoring, and a resistor-capacitor snubber circuit can
be carefully placed on the switch pin to ground to dampen
any high-frequency ringing on the transition edges. See
the Applications Information section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com